Electronic Components Datasheet Search
  English  ▼

X  

AS8C403625 Datasheet(PDF) 18 Page - Alliance Semiconductor Corporation

Part # AS8C403625
Description  Power down controlled by ZZ input
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS8C403625 Datasheet(HTML) 18 Page - Alliance Semiconductor Corporation

Back Button AS8C403625 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 14Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 15Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 16Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 17Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 18Page - Alliance Semiconductor Corporation AS8C403625 Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2 18
AS8C403625, AS8C401825, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
3.3V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial Temperature Range
NOTES:
1. Device outputs = All device outputs except TDO.
2. Device inputs = All device inputs except TDI, TMS, and
TRST.
Instruction Field
Value
Description
Revision Number (31:28)
0x2
Reserved for version number.
Device ID (27:12)
0x22C, 0x22E
Defines
AS8C403625/1825
JEDEC ID (11:1)
0x33
Allows unique identification of device vendor .
ID Register Indicator Bit (Bit 0)
1
Indicates the presence of an ID register.
I5280 tbl 02
JTAG Identification Register Definitions (SA Version only)
Instruction
Description
OPCODE
EXTEST
Forces contents of the boundary scan cells onto the device outputs(1).
Places the boundary scan register (BSR) between TDI and TDO.
0000
SAMPLE/PRELOAD
Places the boundary scan register (BSR) between TDI and TDO.
SAMPLE allows data from device inputs(2) and outputs(1) to be captured
in the boundary scan cells and shifted serially through TDO. PRELOAD
allows data to be input serially into the boundary scan cells via the TDI.
0001
DEVICE_ID
Loads the JTAG ID register (JIDR) with the vendor ID code and places
the register between TDI and TDO.
0010
HIGHZ
Places the bypass register (BYR) between TDI and TDO. Forces all
device o utput drivers to a High-Z state.
0011
RESERVED
Several combinations are reserved. Do not use codes other than those
identified for EXTEST, SAMPLE/PRELOAD, DEVICE_ID, HIGHZ, CLAMP,
VALIDATE and BYPASS instructions.
0100
RESERVED
0101
RESERVED
0110
RESERVED
0111
CLAMP
Uses BYR. Forces contents of the boundary scan cells onto the device
outputs. Places the byp ass registe r (BYR) between TDI and TDO.
1000
RESERVED
Same as above.
1001
RESERVED
1010
RESERVED
1011
RESERVED
1100
VALIDATE
Automatically loaded into the instruction register whenever the TAP
controller passes through the CAPTURE-IR state. The lower two bits '01'
are mand ated by the IEEE std. 1149.1 specification.
1101
RESERVED
Same as above.
1110
BYPASS
The BYPASS instruction is used to truncate the boundary scan register
as a single bit in length.
1111
I5280 tbl 04
Available JTAG Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com