Electronic Components Datasheet Search
  English  ▼

X  

FCN Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # FCN
Description  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCN Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  FCN Datasheet HTML 1Page - Cornell Dubilier Electronics FCN Datasheet HTML 2Page - Cornell Dubilier Electronics FCN Datasheet HTML 3Page - Cornell Dubilier Electronics FCN Datasheet HTML 4Page - Cornell Dubilier Electronics FCN Datasheet HTML 5Page - Cornell Dubilier Electronics FCN Datasheet HTML 6Page - Cornell Dubilier Electronics FCN Datasheet HTML 7Page - Cornell Dubilier Electronics FCN Datasheet HTML 8Page - Cornell Dubilier Electronics FCN Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Type FCN Surface Mount Film Capacitors
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.012 (±0.3)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.12
FCN1913C124J-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.15
FCN1913C154J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.18
FCN1913C184J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.22
FCN1913C224J-E4
0.189
(4.8)
0.130
(3.3)
0.094
(2.4)
0.27
FCN2416C274J-D1
0.236
(6.0)
0.161
(4.1)
0.071
(1.8)
0.33
FCN2416C334J-D2
0.236
(6.0)
0.161
(4.1)
0.079
(2.0)
0.39
FCN2416C394J-D3
0.236
(6.0)
0.161
(4.1)
0.094
(2.4)
0.47
FCN2416C474J-D4
0.236
(6.0)
0.161
(4.1)
0.110
(2.8)
Part Numbering System
Ratings
FCN
1206
A
102
J
H2
Tape
Tape
Packaging
Width
Diameter
Reel
Type
Case Size
Voltage
Capacitance
Tolerance
Code
(mm)
[in.(mm)]
Quantity
FCN
1206
C = 16 Vdc
102 = 0.001 µF
J = ±5%
K1
=
8
7 (178)
4000
1913
H = 50 Vdc
223 = 0.022 µF
K = ±10%
J1, J2
=
8
7 (178)
3000
2416
A = 100 Vdc
474 = 0.47 µF
H1, H2
=
8
7 (178)
3000
2420
E = 250 Vdc
H3
=
8
7 (178)
2000
2820
G = 400 Vdc
G1, G2, G3
=
8
7 (178)
2000
3022
E1, E2
=
12
13 (330)
3000
3925
E3, E4
=
12
13 (330)
2000
3931
D1, D2
=
12
13 (330)
3000
6031
D3, D4, D5
=
12
13 (330)
2000
6040
B, Z
=
12
13 (330)
1500
U, V, X, Y
=
16
13 (330)
1000
S, T
=
24
13 (330)
750
Outline Drawing
t
L
W
T
t = 0.014 ± 0.008 in. (0.35 ±0.2 mm)
For 0.001 µF – 0.01 µF, 100 V, t = 0.026 ±0.012 in. (0.62 ± 0.3 mm)
Rated Voltage:
16 Vdc (12 Vac)
Operating Temperature Range:
-55 to +105°C
Capacitance Range:
0.12 to 0.47 µF
Dielectric Withstand Voltage:
28 Vdc for 5 seconds
Capacitance Tolerance:
± 5% (J)
Insulation Resistance (20°C,10 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
For C ≤ 0.33 µF:I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 240°C
For C > 0.33 µF:I.R. = 1000 MegW•µF Min.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com