Electronic Components Datasheet Search
  English  ▼

X  

FCN Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # FCN
Description  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCN Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  FCN Datasheet HTML 1Page - Cornell Dubilier Electronics FCN Datasheet HTML 2Page - Cornell Dubilier Electronics FCN Datasheet HTML 3Page - Cornell Dubilier Electronics FCN Datasheet HTML 4Page - Cornell Dubilier Electronics FCN Datasheet HTML 5Page - Cornell Dubilier Electronics FCN Datasheet HTML 6Page - Cornell Dubilier Electronics FCN Datasheet HTML 7Page - Cornell Dubilier Electronics FCN Datasheet HTML 8Page - Cornell Dubilier Electronics FCN Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Type FCN Surface Mount Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Cap
Catalog
L
W
T
(µF)
Part Number
in (mm)
in (mm)
in (mm)
250 Vdc
0.12
FCN2420E124K-B *
0.236±.008
(6.0±0.2)
0.197
(5.0)
0.177
(4.5)
0.15
FCN2825E154K-Y
0.280±.016
(7.1±0.4)
0.248
(6.3)
0.138
(3.5)
0.18
FCN2825E184K-Y
0.280±.016
(7.1±0.4)
0.248
(6.3)
0.161
(4.1)
0.22
FCN2825E224K-Y
0.280±.016
(7.1±0.4)
0.248
(6.3)
0.201
(5.1)
0.27
FCN3925E274K-V
0.386±.020
(9.8±0.5)
0.248
(6.3)
0.154
(3.9)
0.33
FCN3925E334K-V
0.386±.020
(9.8±0.5)
0.248
(6.3)
0.189
(4.8)
0.39
FCN3931E394K-U
0.386±.020
(9.8±0.5)
0.315
(8.0)
0.173
(4.4)
0.47
FCN3931E474K-U
0.386±.020
(9.8±0.5)
0.315
(8.0)
0.209
(5.3)
0.56
FCN6031E564K-T
0.598±.020
(15.2±0.5)
0.315
(8.0)
0.146
(3.7)
0.68
FCN6031E684K-T
0.598±.020
(15.2±0.5)
0.315
(8.0)
0.173
(4.4)
0.82
FCN6040E824K-S
0.598±.020
(15.2±0.5)
0.394
(10.0)
0.165
(4.2)
1.0
FCN6040E105K-S
0.598±.020
(15.2±0.5)
0.394
(10.0)
0.201
(5.1)
400 Vdc
0.001
FCN1913G102J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0012
FCN1913G122J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0015
FCN1913G152J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0018
FCN1913G182J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0022
FCN1913G222J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0027
FCN1913G272J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0033
FCN1913G332J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0039
FCN1913G392J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0047
FCN1913G472J-E1
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.055±.008 (1.4±0.2)
0.0056
FCN1913G562J-E2
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.079±.008 (2.0±0.2)
0.0068
FCN1913G682J-E2
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.079±.008 (2.0±0.2)
0.0082
FCN1913G822J-E4
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.094±.008 (2.4±0.2)
0.01
FCN1913G103J-E3
0.189±.008
(4.8±0.2)
0.130±.012
(3.3±0.3) 0.110±.008
(2.8±0.2)
0.012
FCN2416G123J-D2
0.236±.008
(6.0±0.2)
0.161±.012
(4.1±0.3) 0.079±.008 (2.0±0.2)
0.015
FCN2416G153J-D3
0.236±.008
(6.0±0.2)
0.161±.012
(4.1±0.3) 0.094±.008 (2.4±0.2)
0.018
FCN2416G183J-D4
0.236±.008
(6.0±0.2)
0.161±.012
(4.1±0.3) 0.110±.008
(2.8±0.2)
0.022
FCN2416G223J-D5
0.236±.008
(6.0±0.2)
0.161±.012
(4.1±0.3) 0.126±.012 (3.2±0.3)
0.027
FCN2420G273J-B
0.236±.008
(6.0±0.2)
0.197±.016
(5.0±0.4) 0.118±.012
(3.0±0.3)
0.033
FCN2420G333J-B
0.236±.008
(6.0±0.2)
0.197±.016
(5.0±0.4) 0.142±.012 (3.6±0.3)
0.039
FCN2820G393J-Z
0.280±.016
(7.1±0.4)
0.197±.016
(5.0±0.4) 0.126±.012 (3.2±0.3)
0.047
FCN2820G473J-Z
0.280±.016
(7.1±0.4)
0.197±.016
(5.0±0.4) 0.150±.012 (3.8±0.3)
0.056
FCN2825G563J-Y
0.280±.016
(7.1±0.4)
0.248±.016
(6.3±0.4) 0.142±.012 (3.6±0.3)
0.068
FCN2825G683J-Y
0.280±.016
(7.1±0.4)
0.248±.016
(6.3±0.4) 0.173±.012 (4.4±0.3)
0.082
FCN3925G823J-V
0.386±.016
(9.8±0.4)
0.248±.016
(6.3±0.4) 0.134±.012 (3.4±0.3)
0.1
FCN3925G104J-V
0.386±.016
(9.8±0.4)
0.248±.016
(6.3±0.4) 0.157±.012 (4.0±0.3)
0.12
FCN3931G124J-U
0.386±.016
(9.8±0.4)
0.315±.016
(8.0±0.4) 0.150±.012 (3.8±0.3)
0.15
FCN3931G154J-U
0.386±.016
(9.8±0.4)
0.315±.016
(8.0±0.4) 0.181±.012 (4.6±0.3)
* also available in 5% (J) tolerance
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.012 (±0.3)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.012
FCN1913A123K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.015
FCN1913A153K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.018
FCN1913A183K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.022
FCN1913A223K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.027
FCN1913A273K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.033
FCN1913A333K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.039
FCN1913A393K-E1
0.189
(4.8)
0.130
(3.3)
0.055
(1.4)
0.047
FCN1913A473K-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.056
FCN1913A563K-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.068
FCN1913A683K-E4
0.189
(4.8)
0.130
(3.3)
0.094
(2.4)
0.082
FCN1913A823K-E3
0.189
(4.8)
0.130
(3.3)
0.110
(2.8)
0.10
FCN2416A104K-D1
0.236
(6.0)
0.161
(4.1)
0.071
(1.8)
0.12
FCN2416A124K-D3
0.236
(6.0)
0.161
(4.1)
0.094
(2.4)
0.15
FCN2416A154K-D4
0.236
(6.0)
0.161
(4.1)
0.110
(2.8)
Capacitance (µF)
CDE P.N.
L ±.016 (±0.4)2
[in.(mm)]
W ±.016 (±0.4)
[in.(mm)]
T ±.012 (±0.3)
[in.(mm)]
0.18
FCN2820A184K-Z
0.280
(7.1)
0.197
(5.0)
0.079
(2.0)
0.22
FCN2820A224K-Z
0.280
(7.1)
0.197
(5.0)
0.094
(2.4)
0.27
FCN2820A274K-Z
0.280
(7.1)
0.197
(5.0)
0.114
(2.9)
0.33
FCN2820A334K-Z
0.280
(7.1)
0.197
(5.0)
0.138
(3.5)
0.39
FCN3022A394K-X
0.303
(7.7)
0.217
(5.5)
0.134
(3.4)
0.47
FCN3022A474K-X
0.303
(7.7)
0.217
(5.5)
0.157
(4.0)
0.56
FCN3925A564K-V
0.386
(9.8)
0.248
(6.3)
0.118
(3.0)
0.68
FCN3925A684K-V
0.386
(9.8)
0.248
(6.3)
0.142
(3.6)
0.82
FCN3925A824K-V
0.386
(9.8)
0.248
(6.3)
0.169
(4.3)
1.0
FCN3925A105K-V
0.386
(9.8)
0.248
(6.3)
0.201
(5.1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com