Electronic Components Datasheet Search
  English  ▼

X  

FCN Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # FCN
Description  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCN Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  FCN Datasheet HTML 1Page - Cornell Dubilier Electronics FCN Datasheet HTML 2Page - Cornell Dubilier Electronics FCN Datasheet HTML 3Page - Cornell Dubilier Electronics FCN Datasheet HTML 4Page - Cornell Dubilier Electronics FCN Datasheet HTML 5Page - Cornell Dubilier Electronics FCN Datasheet HTML 6Page - Cornell Dubilier Electronics FCN Datasheet HTML 7Page - Cornell Dubilier Electronics FCN Datasheet HTML 8Page - Cornell Dubilier Electronics FCN Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Type FCN Surface Mount Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.012 (±0.3)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.056
FCN1913H563J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.068
FCN1913H683J-E2
0.189
(4.8)
0.130
(3.3)
0.079
(2.0)
0.082
FCN1913H823J-E4
0.189
(4.8)
0.130
(3.3)
0.094
(2.4)
0.10
FCN1913H104J-E3
0.189
(4.8)
0.130
(3.3)
0.110
(2.8)
0.12
FCN2416H124J-D1
0.236
(6.0)
0.161
(4.1)
0.071
(1.8)
0.15
FCN2416H154J-D2
0.236
(6.0)
0.161
(4.1)
0.079
(2.0)
0.18
FCN2416H184J-D3
0.236
(6.0)
0.161
(4.1)
0.094
(2.4)
0.22
FCN2416H224J-D4
0.236
(6.0)
0.161
(4.1)
0.110
(2.8)
Rated Voltage:
50 Vdc (40 Vac) Operating Temperature Range:
-55 to +105°C
Capacitance Range:
0.056 to 0.22 µF Dielectric Withstand Voltage:
87.5 Vdc for 5 seconds
Capacitance Tolerance:
± 5% (J)
Insulation Resistance (20°C, 50 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 240°C
Capacitance (µF)
CDE P.N.
L ±.008 (±0.2)
[in.(mm)]
W ±.008 (±0.2)
[in.(mm)]
T ±.008 (±0.2)
[in.(mm)]
0.001
FCN1206A102J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0012
FCN1206A122J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0015
FCN1206A152J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0018
FCN1206A182J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0022
FCN1206A222J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0027
FCN1206A272J-H2
0.126
(3.2)
0.063
(1.6)
0.043
(1.1)
0.0033
FCN1206A332J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0039
FCN1206A392J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0047
FCN1206A472J-H3
0.126
(3.2)
0.063
(1.6)
0.059
(1.5)
0.0056
FCN1210A562J-G2
0.126
(3.2)
0.098
(2.5)
0.059
(1.5)
0.0068
FCN1210A682J-G2
0.126
(3.2)
0.098
(2.5)
0.059
(1.5)
0.0082
FCN1210A822J-G3
0.126
(3.2)
0.098
(2.5)
0.083
(2.1)
0.01
FCN1210A103J-G3
0.126
(3.2)
0.098
(2.5)
0.083
(2.1)
Rated Voltage:
100 Vdc (63 Vac)
Operating Temperature Range:
-55 to +105°C
Capacitance Range:
0.001 to 0.010 µF
Dielectric Withstand Voltage:
175 Vdc for 5 seconds
Capacitance Tolerance:
± 5% (J)
Insulation Resistance (20°C, 100 Vdc, 60 Seconds);
D.F. (20°C, 1 kHz):
≤ 1%
I.R. ≥ 3000 MegΩ
Max. capacitor surface temperature: 240°C
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com