Electronic Components Datasheet Search
  English  ▼

X  

FCP Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # FCP
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  FCP Datasheet HTML 1Page - Cornell Dubilier Electronics FCP Datasheet HTML 2Page - Cornell Dubilier Electronics FCP Datasheet HTML 3Page - Cornell Dubilier Electronics FCP Datasheet HTML 4Page - Cornell Dubilier Electronics FCP Datasheet HTML 5Page - Cornell Dubilier Electronics FCP Datasheet HTML 6Page - Cornell Dubilier Electronics FCP Datasheet HTML 7Page - Cornell Dubilier Electronics FCP Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Outline Dimensions
Case
Code
Outline Dimensions (in.)
Case
Code
(metric)
Outline Dimensions (mm)
Packaging
Code
L ±0.008
W
T±0.008
t
L ±0.2
W
T±0.2
t
0603
0.063
0.032±0.006
0.028±0.006
0.014±0.008
1608
1.6
0.80±0.15
0.70±0.15
0.35±0.2
K1
0805
0.079
0.049±0.008
0.035
0.018±0.010
2012
2.0
1.25±0.2
0.9
0.45±0.25
J1
0.043
1.1
J2
1206
0.126
0.063±0.008
0.035
0.026±0.012
3216
3.2
1.6±0.2
0.9
0.65±0.3
H1
0.043
1.1
H2
0.059
1.5
H3
1210
0.126
0.098±0.008
0.043
0.026±0.012
3225
3.2
2.5±0.2
1.1
0.65±0.3
G1
0.059
1.5
G2
0.083
2.1
G3
1913
0.189
0.130±0.012
0.059
0.031±0.012
4833
4.8
3.3±0.3
1.5
0.80±0.3
E1
0.083
2.1
E2
2416
0.236
0.161±0.012
0.075
0.031±0.012
6041
6.0
4.1±0.3
1.9
0.80±0.3
D1
0.098
2.5
D3
0.110
2.8
D4
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
1
10
100
1000
10000
0.00010
0.00100
0.01000
0.10000
1.00000
Capacitance (uF)
50V FCP
16V FCP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com