Electronic Components Datasheet Search
  English  ▼

X  

FCP Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # FCP
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  FCP Datasheet HTML 1Page - Cornell Dubilier Electronics FCP Datasheet HTML 2Page - Cornell Dubilier Electronics FCP Datasheet HTML 3Page - Cornell Dubilier Electronics FCP Datasheet HTML 4Page - Cornell Dubilier Electronics FCP Datasheet HTML 5Page - Cornell Dubilier Electronics FCP Datasheet HTML 6Page - Cornell Dubilier Electronics FCP Datasheet HTML 7Page - Cornell Dubilier Electronics FCP Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
FCP 0805 50 Vdc Rating Vrms and Arms vs. Frequency
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
0.00
0.10
0.20
0.30
0.40
0.50
10
100
1000
Frequency (kHz)
3300 pF
4700 pF
5600 pF
6800 pF
8200 pF
.01 uF
FCP 1206 50 Vdc Rating Vrms and Arms vs. Frequency
0.00
0.05
0.10
0.15
10
100
1000
Frequency (kHz)
100 pF
560 pF
820 pF
1200 pF
1800 pF
2200 pF
2700 pF
1
10
100
10
100
1000
Frequency (kHz)
100 pF to 2700 pF
1
10
100
10
100
1000
Frequency (kHz)
3300 pF to 0.010 uF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com