Electronic Components Datasheet Search
  English  ▼

X  

FCP Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # FCP
Description  Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

FCP Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  FCP Datasheet HTML 1Page - Cornell Dubilier Electronics FCP Datasheet HTML 2Page - Cornell Dubilier Electronics FCP Datasheet HTML 3Page - Cornell Dubilier Electronics FCP Datasheet HTML 4Page - Cornell Dubilier Electronics FCP Datasheet HTML 5Page - Cornell Dubilier Electronics FCP Datasheet HTML 6Page - Cornell Dubilier Electronics FCP Datasheet HTML 7Page - Cornell Dubilier Electronics FCP Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Type FCP Surface Mount Film Capacitors
Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8564 • Fax: (508)996-3830 • www.cde.com
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
Highlights
- Stacked metallized polyphenylene sulfide (PPS) film.
- High operating temperature to +125 ºC
- High capacitance per unit volume
- Excellent high frequency performance
- Typical ΔC from –55 ºC to 105 ºC ≤ ±1.5%
- Stable cap and DF over wide temperature range
Specifications
The Type FCP’s combination of high capacitance density and
excellent high frequency response makes it a great choice for
wireless and instrumentation applications.
Type FCP stacked metallized polyphenelene sulfide (PPS)
film capacitors offer high capacitance per unit volume, stable
capacitance and DF over a wide temperature range, and
excellent high frequency performance. Type FCP capacitors
conform to standard EIA 0603, 0805, 1206, 1210, 1913 & 2416
surface mount case sizes and are packaged on tape and reel.
Capacitance Range
100 pF to 0.22 µF (1kHz at ≤5 Vrms)
Capacitance Tolerance
±5% (J) Standard, ±2% (G) Optional
Rated Voltage
16 Vdc and 50 Vdc
Dissipation Factor (Tan δ)
0.6% Max. (1 kHz at ≤5 Vrms)
Operating Temperature Range
–55 ºC to +125 ºC (See Voltage derating chart for 0.12 - 0.22 µF
above 105 ºC)
Dielectric Strength
150% of rated Vdc for 60 s
Insulation Resistance
3000 MΩ Min. at 20 ºC, after 60 s (16 Vdc rated, test 10 Vdc; 50 Vdc
rated, test 50 Vdc)
Construction
Stacked metallized polyphenylene sulfide (PPS) film. Terminations
are lead free with a Sn-Ag-Cu solder finish.
Life Test
Capacitors subjected to 1000 hours of maximum rated tempera-
ture and 125% of the rated voltage will not have any significant
visual damage, thecapacitance will be within ±2% of the initial
measured value, DF will be a maximum of 0.66%, and IR will be a
minimum of 1000 Megohms.
Resistance to Soldering Heat
Capacitors subjected to a maximum of 260 °C reflow soldering
process will not have any significant visual damage, the dielectric
strength will be as specified, the capacitance will be within ±3% of
the initial measured value, DF will be a maximum of .66%, and IR
will be a minimum of 1000 Megohms.
Moisture Resistance
Capacitors subjected to 1000 h at 40 °C and 90% to 95% RH and
rated voltage will not have any significant visual damage, will
withstand 1.3 times the rated voltage for one minute, the capaci-
tance will be within ±2% of the initial measured value, DF will be a
maximum of 0.9%, and IR will be a minimum of 1000 Megohms.
RoHS Compliant


Similar Part No. - FCP

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCP-34-SG-E ADAM-TECH-FCP-34-SG-E Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
Apex Electronics Co., L...
FCP-P003 APEX-ELECTRONICS-FCP-P003 Datasheet
895Kb / 6P
Pushbutton Switches, 1M cycles, optional LED, IP67
FCP-P003-2 APEX-ELECTRONICS-FCP-P003-2 Datasheet
895Kb / 6P
Pushbutton Switches, 1M cycles, optional LED, IP67
FCP-PY02 APEX-ELECTRONICS-FCP-PY02 Datasheet
426Kb / 1P
Pushbutton switch, metal button, plastic housing
More results

Similar Description - FCP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H224JX9 PANASONIC-ECH-U1H224JX9 Datasheet
125Kb / 4P
Stacked Metallized PPS Film Chip Capacitor
ECH-U1H152GX5 PANASONIC-ECH-U1H152GX5 Datasheet
395Kb / 10P
Stacked Metallized PPS Film Chip Capacitor
ECH-U1H224JC9 PANASONIC-ECH-U1H224JC9 Datasheet
116Kb / 2P
Stacked Metallized PPS Film Chip Capacitor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
Stacked Metallized PPS Film Chip Capacitor
ECH-U1C223GX5 PANASONIC-ECH-U1C223GX5 Datasheet
395Kb / 10P
Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
Stacked Metallized PPS Film Chip Capacitor
logo
List of Unclassifed Man...
FCN-KIT2 ETC2-FCN-KIT2 Datasheet
492Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
Stacked Metallized PPS Film Chip Capacitor
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com