Electronic Components Datasheet Search
  English  ▼

X  

STA501A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA501A
Description  45V 3.5A DOUBLE POWER HALF BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501A Datasheet(HTML) 3 Page - STMicroelectronics

  STA501A Datasheet HTML 1Page - STMicroelectronics STA501A Datasheet HTML 2Page - STMicroelectronics STA501A Datasheet HTML 3Page - STMicroelectronics STA501A Datasheet HTML 4Page - STMicroelectronics STA501A Datasheet HTML 5Page - STMicroelectronics STA501A Datasheet HTML 6Page - STMicroelectronics STA501A Datasheet HTML 7Page - STMicroelectronics STA501A Datasheet HTML 8Page - STMicroelectronics STA501A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
3/9
STA501A
Figure 3. FUNCTIONAL PIN STATUS
* : The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor.
Figure 4. PIN CONNECTION
PIN NAME
Logical value
IC -STATUS
FAULT
0
Fault detected (Short circuit, or Thermal ..)
FAULT *
1
Normal Operation
TRI-STATE
0
All powers in High-Z state
TRI-STATE
1
Normal operation
PWRDN
0
Low absorpion
PWRDN
1
Normal operation
THWAR
0
Temperature of the IC =130C
THWAR*
1
Normal operation
GND-SUB
OUTB
OUTB
VCC
GND
VCC
N.C.
N.C.
GND-Reg
VDD
VDD
N.C
VSS
VSS
VCCSign
VCCSign
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
N.C.
GND-Clean
D04AU1558
N.C
VCC
N.C.
PWRDN
FAULT
TRI-STATE
9
8
7
28
29
30
OUTA
TH_WAR
10
27
GND
OUTA
N.C.
INB
N.C.
14
12
11
23
25
26
GND
INA
13
24
VL
N.C.
N.C.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com