Electronic Components Datasheet Search
  English  ▼

X  

STA501A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STA501A
Description  45V 3.5A DOUBLE POWER HALF BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501A Datasheet(HTML) 4 Page - STMicroelectronics

  STA501A Datasheet HTML 1Page - STMicroelectronics STA501A Datasheet HTML 2Page - STMicroelectronics STA501A Datasheet HTML 3Page - STMicroelectronics STA501A Datasheet HTML 4Page - STMicroelectronics STA501A Datasheet HTML 5Page - STMicroelectronics STA501A Datasheet HTML 6Page - STMicroelectronics STA501A Datasheet HTML 7Page - STMicroelectronics STA501A Datasheet HTML 8Page - STMicroelectronics STA501A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STA501A
4/9
Table 3. ABSOLUTE MAXIMUM RATINGS
Table 4. THERMAL DATA
Table 5. ELECTRICAL CHARACTERISTCS (VL = 3.3V; Vcc = 30V; Tamb = 25°C unless otherwise
specified)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Pin 4,7,12,15)
45
V
Vmax
Maximum Voltage on pins 23 to 32
5.5
V
Top
Operating Temperature Range
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
Tj-case
Thermal Resistance Junction to Case (thermal pad)
2.5
°C/W
TjSD
Thermal shut-down junction temperature
150
°C
Twarn
Thermal warning temperature
130
°C
thSD
Thermal shut-down hysteresis
25
°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RdsON
Power Pchannel/Nchannel
MOSFET RdsON
Id=1A
200
270
m
Ω
Idss
Power Pchannel/Nchannel
leakage Idss
Vcc=35V
50
µA
gN
Power Pchannel RdsON
Matching
Id=1A
95
%
gP
Power Nchannel RdsON
Matching
Id=1A
95
%
Dt_s
Low current Dead Time (static)
see test circuit no.1; see fig. 5
10
20
ns
Dt_d
High current Dead Time (dinamic) L=22
µH; C = 470nF; RL = 8 Ω
Id=3.5A; see fig. 7
50
ns
td ON
Turn-on delay time
Resistive load
100
ns
td OFF
Turn-off delay time
Resistive load
100
ns
tr
Rise time
Resistive load
25
ns
tf
Fall time
Resistive load; as fig. 5
25
ns
VCC
Supply voltage operating voltage
10
40
V
VIN-High
High level input voltage
VL/2
+300mV
V
VIN-Low
Low level input voltage
VL/2 -
300mV
V
IIN-H
High level Input current
Pin voltage = VL
1
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com