Electronic Components Datasheet Search
  English  ▼

X  

STA501A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA501A
Description  45V 3.5A DOUBLE POWER HALF BRIDGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501A Datasheet(HTML) 5 Page - STMicroelectronics

  STA501A Datasheet HTML 1Page - STMicroelectronics STA501A Datasheet HTML 2Page - STMicroelectronics STA501A Datasheet HTML 3Page - STMicroelectronics STA501A Datasheet HTML 4Page - STMicroelectronics STA501A Datasheet HTML 5Page - STMicroelectronics STA501A Datasheet HTML 6Page - STMicroelectronics STA501A Datasheet HTML 7Page - STMicroelectronics STA501A Datasheet HTML 8Page - STMicroelectronics STA501A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
5/9
STA501A
Table 6.
Notes: 1. The following table explains the VLow, VHigh variation with
VL
Table 7. LOGIC TRUTH (see fig. 6)
IIN-L
Low level input current
Pin voltage = 0.3V
1
µA
IPWRDN-H High level PWRDN pin input
current
VL3.3V
35
µA
VLow
Low logical state voltage VLow
(pin PWRDN, TRISTATE) (note 1)
VL = 3.3V
0.8
V
VHigh
High logical state voltage VHigh
(pin PWRDN, TRISTATE) (note 1)
VL = 3.3V
1.7
V
IVCC-
PWRDN
Supply Current from Vcc in Power
Down
PWRDN = 0
3
mA
IFAULT
Output Current pins
FAULT -TH-WARN when
FAULT CONDITIONS
Vpin = 3.3V
1
mA
IVCC-hiz
Supply current from Vcc in Tri-
state
Vcc=30V; Tri-state=0
22
mA
IVCC
Supply current from Vcc in
operation
(both channel switching)
Input pulse width = 50% Duty;
Switching Frequency = 384Khz;
No LC filters;
50
mA
Iout-sh
Overcurrent protection threshold
(short circuit current limit)
3.5
6
8
A
VUV
Undervoltage protection threshold
7
V
tpw-min
Output minimum pulse width
No Load
70
150
ns
VL
VLow min
VHigh max
Unit
2.7
0.7
1.5
V
3.3
0.8
1.7
V
5
0.85
1.85
V
TRI-STATE
INA
INB
Q1
Q2Q3Q4
OUTPUT
MODE
0
x
x
OFF
OFF
OFF
OFF
Hi-Z
1
0
0
OFF
OFF
ON
ON
DUMP
1
0
1
OFF
ON
ON
OFF
NEGATIVE
1
1
0
ON
OFF
OFF
ON
POSITIVE
1
1
1
ON
ON
OFF
OFF
Not used
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 5. ELECTRICAL CHARACTERISTCS (continued)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com