Electronic Components Datasheet Search
  English  ▼

X  

MM1507 Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part # MM1507
Description  Video Switch 쨌 75??driver 쨌 Y/C mix
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1507 Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

Back Button MM1507 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 11Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC1
Refer to measurement procedures
6.4
8.3
mA
Current consumption for PS
ICC2
Refer to measurement procedures
20
30
µA
PS input voltage L
VPSL
Refer to measurement procedures
0.3
V
PS input voltage H
VPSH
Refer to measurement procedures
1.8
V
Input pin voltage
VIN
No-signal, no-load
1.15
1.35
1.55
V
Output pin voltage
VOUT
No-signal, no-load
1.15
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement procedures
2.6
3.0
V
MM1510
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC1
Refer to measurement procedures
6.3
8.2
mA
Current consumption for PS
ICC2
Refer to measurement procedures
20
30
µA
PS input voltage L
VPSL
Refer to measurement procedures
0.3
V
PS input voltage H
VPSH
Refer to measurement procedures
1.8
V
Input pin voltage
VIN
No-signal, no-load
1.75
1.95
2.15
V
Output pin voltage
VOUT
No-signal, no-load
2.35
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
VCC=9V
DG
Refer to measurement procedures
-30
+3
%
Differential phase
VCC=9V
DP
Refer to measurement procedures
-3
0
+3
deg
Output dynamic range
VD
Refer to measurement procedures
2.9
3.2
V
Input impedance
Zi
15
k
Ω
MM1509
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
4.4
5.7
mA
Y input pin voltage
VYIN
No-signal, no-load
2.00
2.20
2.40
V
C input pin voltage
VCIN
No-signal, no-load
1.85
2.05
2.25
V
Output pin voltage
VOUT
No-signal, no-load
1.15
V
Voltage gain
GV
Refer to measurement procedures
-0.5
0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-1
0
+0.5
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Y output dynamic range
VDY
Refer to measurement procedures
2.6
2.9
V
C output dynamic range
VDC
Refer to measurement procedures
2.0
V
C input impedance
Zi
15
k
Ω
Output impedance
Zo
25
Ω
MM1511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com