Electronic Components Datasheet Search
  English  ▼

X  

MM1507 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1507
Description  Video Switch 쨌 75??driver 쨌 Y/C mix
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1507 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM1507 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
6.9
9.0
mA
Y input pin voltage
VYIN
No-signal, no-load
1.95
2.15
2.35
V
C input pin voltage
VCIN
No-signal, no-load
1.80
2.00
2.20
V
Output pin voltage
VOUT
No-signal, no-load
1.10
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Y output dynamic range
VDY
Refer to measurement procedures
2.6
2.9
V
C output dynamic range
VDC
Refer to measurement procedures
2.0
V
C input impedance
Zi
15
k
Ω
MM1512
MM1501~MM1508
· Switch Status
Measurement Procedures
Item
Symbol
Switch status
S1
S2
S3
Consumption current
ICC
222
Voltage gain
GV
122
211
Frequency characteristic
fc
122
211
Differential gain
DG
122
211
Differential phase
DP
122
211
Item
Symbol
Switch status
S1
S2
S3
Total harmonic
THD
122
distortion ratio
211
Output dynamic range
VD
122
211
Output offset voltage
VOFF
222
221
Cross talk
CT
121
212
SW input voltage H
VIH
221
SW input voltage L
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com