Electronic Components Datasheet Search
  English  ▼

X  

MM1507 Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # MM1507
Description  Video Switch 쨌 75??driver 쨌 Y/C mix
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1507 Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button MM1507 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM1507 Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
·Measurement Procedures (MM1501 ~ MM1504)
Consumption current
ICC
Connect a DC ammeter to VCC pin and measure. Hereafter, short
the ammeter to use.
Input a 2.0VP-P (1.0VP-P for MM1502 and MM1504), 100kHz sine
wave to SG1. If TP1 voltage is V1 and TP3 voltage is V2, find Gv
using the following formula:
GV = 20LOG (V2/V1) dB
Frequency characteristic
fc
In the above Gv measurement, if TP3 voltage at 10MHz is V3, find
fc as follows:
fc = 20LOG (V3/V2) dB
Differential gain
DG
Input a 2.0VP-P (1.0VP-P for MM1502 and MM1504) staircase to SG1
and measure differential gain at TP3.
APL = 10 ~ 90%
Differential phase
DP
The same as for DG, but measure differential phase.
Total harmonic distortion ratio
THD
Input a 2.5VP-P (1.25VP-P for MM1502, MM1504), 1kHz sine wave to
SG1, connect a distortion factor meter to TP3 and measure.
Output dynamic range
VD
Input a 100kHz sine wave to SG1. Change the amplitude of the sine
wave, and measure VD, the maximum amplitude under THD 1%, at
TP3.
Output offset voltage
VOFF
Measure the DC voltage difference of each switch status at TP2.
VC1 = 2.1V and VC2 = 0.7V. Input a 2.0VP-P, 4.43MHz sine wave to
SG1, and operate SW3. If TP3 voltage when there is an output
signal on the OUT pin is V4, and when there is no signal TP3
voltage is V5, then find CT by the following formula:
CT = 20LOG (V5/V4) dB
Impress an optional DC voltage on TP5 and TP6. Gradually
increase from VC1 = 0V. When TP6 voltage is output on TP2, TP4
voltage is VIH. Gradually lower from VC1 = VCC, and when TP5
voltage is output on TP2, TP4 voltage is VIL.
SW input voltage
VI
Cross talk
CT
Voltage gain
GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com