Electronic Components Datasheet Search
  English  ▼

X  

MP7611BP Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7611BP
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611BP Datasheet(HTML) 3 Page - Exar Corporation

  MP7611BP Datasheet HTML 1Page - Exar Corporation MP7611BP Datasheet HTML 2Page - Exar Corporation MP7611BP Datasheet HTML 3Page - Exar Corporation MP7611BP Datasheet HTML 4Page - Exar Corporation MP7611BP Datasheet HTML 5Page - Exar Corporation MP7611BP Datasheet HTML 6Page - Exar Corporation MP7611BP Datasheet HTML 7Page - Exar Corporation MP7611BP Datasheet HTML 8Page - Exar Corporation MP7611BP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP7611
Rev. 3.01
3
PIN OUT DEFINITIONS
29
1
N/C
No Connection
30
2
VO3
DAC 3 Output
31
3
VEE
Analog Negative Power Supply (--12 V)
32
4
VCC
Analog Positive Power Supply (+12 V)
33
5
N/C
No Connection or DVDD
34
6
VREF
Analog Voltage Reference Input (+5 V)
35
7
VREFN
Analog Negative Voltage Reference
Output (--2.5 V)
36
8
VCC
Analog Positive Power Supply (+12 V)
37
9
VEE
Analog Negative Power Supply (--12 V)
38
10
VO4
DAC 4 Output
39
11
N/C
No Connection
40
12
VO5
DAC 5 Output
41
13
VO6
DAC 6 Output
42
14
VO7
DAC 7 Output
43
15
AGND
Analog Ground ( 0 V)
44
16
CS
Chip Select Enable
1
17
RD
Read Back Enable
2
18
R2
Second--Latch-Bank Reset Enable
3
19
R1
First--Latch-Bank Reset Enable
4
20
LD2
Second--Latch-Bank Load Enable
5
21
LD1
First--Latch-Bank Load Enable
6
22
A2
Digital Address Bit 2
7
23
A1
Digital Address Bit 1
8
24
A0
Digital Address Bit 0
9
25
DB0
Digital Input Data Bit 0
10
26
DB1
Digital Input Data Bit 1
11
27
DB2
Digital Input Data Bit 2
12
28
DB3
Digital Input Data Bit 3
13
29
DB4
Digital Input Data Bit 4
14
30
DB5
Digital Input Data Bit 5
15
31
DB6
Digital Input Data Bit 6
16
32
DB7
Digital Input Data Bit 7
17
33
DB8
Digital Input Data Bit 8
18
34
DB9
Digital Input Data Bit 9
19
35
DB10
Digital Input Data Bit 10
20
36
DB11
Digital Input Data Bit 11
21
37
DB12
Digital Input Data Bit 12
22
38
DB13
Digital Input Data Bit 13 (MSB)
23
39
DVDD
Digital Positive Power Supply (+5 V)
24
40
DGND
Digital Ground (0 V)
25
41
AGND
Analog Ground (0 V)
26
42
VO0
DAC 0 Output
27
43
VO1
DAC 1 Output
28
44
VO2
DAC 2 Output
PLCC
PIN NO.
DESCRIPTION
NAME
PQFP
PIN NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com