Electronic Components Datasheet Search
  English  ▼

X  

MP7611BP Datasheet(PDF) 4 Page - Exar Corporation

Part # MP7611BP
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611BP Datasheet(HTML) 4 Page - Exar Corporation

  MP7611BP Datasheet HTML 1Page - Exar Corporation MP7611BP Datasheet HTML 2Page - Exar Corporation MP7611BP Datasheet HTML 3Page - Exar Corporation MP7611BP Datasheet HTML 4Page - Exar Corporation MP7611BP Datasheet HTML 5Page - Exar Corporation MP7611BP Datasheet HTML 6Page - Exar Corporation MP7611BP Datasheet HTML 7Page - Exar Corporation MP7611BP Datasheet HTML 8Page - Exar Corporation MP7611BP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP7611
4
Rev. 3.01
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS
VCC = +12 V, VEE = --12 V, VREF = 5 V, DVDD = 5.0 V, T = 25°C, Output Load = 5kW (unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
STATIC PERFORMANCE
Resolution (All Grades)
N
14
Bits
Integral Non-Linearity
INL
LSB
End Point Linearity Spec
(Relative Accuracy)
A
¦8
¦8
B
¦4
¦4
C
¦2
¦2.5
Differential Non-Linearity
DNL
LSB
A
¦4
¦4
B
¦3
¦3
C
¦2
¦2.5
Positive Full Scale Error
+FSE
LSB
A
24
¦32
¦32
B
16
¦24
¦24
C
12
¦16
¦16
Positive Full Scale Error
D+FSE/
4
ppm/°C
0°C to 85°C
Temperature Coefficient
DT
Negative Full Scale Error
--FSE
LSB
A
24
¦32
¦32
B
16
¦24
¦24
C
12
¦16
¦16
Negative Full Scale Error
D--FSE/
4
ppm/°C
0°C to 85°C
Temperature Coefficient
DT
Bipolar Zero Offset
ZOFS
LSB
A
¦16
¦16
B
¦12
¦12
C
¦12
¦12
Bipolar Zero Offset
DZOFS/
2
ppm/°C
0°C to 85°C
Temperature Coefficient
DT
INL Matching
DINL
LSB
A
¦8
¦8
B
¦6
¦6
C
¦6
¦6
All Channels Maximum Error
ME
LSB
with DAC 0 adjusted to
minimum error
A
¦16
¦16
B
¦8
¦8
C
¦6
¦6
Bipolar Zero Matching
DZOFS
LSB
A
¦16
¦16
B
¦12
¦12
C
¦12
¦12
Full Scale Error Matching
DFSE
LSB
A
¦16
¦16
B
¦12
¦12
C
¦12
¦12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com