Electronic Components Datasheet Search
  English  ▼

X  

MP7611BP Datasheet(PDF) 9 Page - Exar Corporation

Part # MP7611BP
Description  Octal 14-Bit DAC Array D/A Converter with Output Amplifier and Parallel Data/Address UP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7611BP Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP7611BP Datasheet HTML 5Page - Exar Corporation MP7611BP Datasheet HTML 6Page - Exar Corporation MP7611BP Datasheet HTML 7Page - Exar Corporation MP7611BP Datasheet HTML 8Page - Exar Corporation MP7611BP Datasheet HTML 9Page - Exar Corporation MP7611BP Datasheet HTML 10Page - Exar Corporation MP7611BP Datasheet HTML 11Page - Exar Corporation MP7611BP Datasheet HTML 12Page - Exar Corporation MP7611BP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP7611
Rev. 3.01
9
Figure 4. Simplified Parallel Logic Port
3-8
Decoder
3
8
8
8
To first latch bank enable
To switches across the first latch
bank for readback enable
To second latch bank enable
To reset all first latch bank
To reset all second latch bank
A0 to A2
LD1
CS
RD
LD2
R1
R2
8
Table 2. MP7611
Ideal DAC Output vs. Input Code
Hex Code
Output Voltage = 2 · Vr (--1 +
O O O O
10 · (--1 + 0) = --10
1 F F F
10 · (--1 +
) = --1.22 mV
Binary Code
2·D
16384
)
(Vr = +5 V)
00000000000000
01111111111111
16382
16384
10000000000000
16384
16384
2 O O O
10 · (--1 +
) = 0
10000000000001
16386
16384
2 O O 1
10 · (--1 +
) = 1.22 mV
11111111111111
32766
16384
3 F F F
10 · (--1 +
) = 9.99878
Note: See Electrical Characteristics for real system accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com