Electronic Components Datasheet Search
  English  ▼

X  

MSP3405D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MSP3405D
Description  Multistandard Sound Processors
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP3405D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MSP3405D Datasheet HTML 17Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 18Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 19Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 20Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 21Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 22Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 23Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 24Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
MSP 34x5D
PRELIMINARY DATA SHEET
21
Micronas
6.2. Demodulator Write Registers: Table and Addresses
Table 6–1: Demodulator Write Registers; Subaddress: 10hex; these registers are not readable!
Demodulator
Write Registers
Address
(hex)
Function
Demodulator
Short-
Programming
0020
Write into this register to apply Demodulator Short Programming (see
section 6.4.1.). If the internal setting coincidences with the individual re-
quirements no more of the remaining Demodulator Write Registers have
to be transferred.
AUTO_FM/AM
0021
Only for NICAM (MSP 3415D): Automatic switching between NICAM and
FM/AM in case of bad NICAM reception (see section 6.4.2.)
Write Registers necessary for General Programming Mode only
AD_CV
00BB
input selection, configuration of AGC, Mute Function and selection of
A/D-converter, FM-Carrier-Mute on/off
MODE_REG
0083
mode register
FIR1
FIR2
0001
0005
filter coefficients channel 1 (6
⋅ 8 bit)
filter coefficients channel 2 (6
⋅ 8 bit), + 3 ⋅ 8 bit offset (total 72 bit)
DCO1_LO
DCO1_HI
0093
009B
increment channel 1 Low Part
increment channel 1 High Part
DCO2_LO
DCO2_HI
00A3
00AB
increment channel 2 Low Part
increment channel 2 High Part
PLL_CAPS
001F
switchable PLL capacitors to tune open-loop frequency; to use only if
NICAM of MODE_REG = 0
normally not of interest for the customer
6.3. Demodulator Read Registers: Table and Addresses
Table 6–2: Demodulator Read Registers; Subaddress: 11hex; these registers are not writeable!
Demodulator
Read Registers
Address
(hex)
Function
Result of
Autodetection
007E
see Table 6–13
C_AD_BITS
0023
NICAM-Sync bit, NICAM-C-Bits, and three LSBs of additional data bits
ADD_BITS
0038
NICAM: bit [10:3] of additional data bits
CIB_BITS
003E
NICAM: CIB1 and CIB2 control bits
ERROR_RATE
0057
NICAM error rate, updated with 182 ms
CONC_CT
0058
only to be used in MSPB compatibility mode
FAWCT_IST
0025
only to be used in MSPB compatibility mode
PLL_CAPS
021F
Not for customer use.
AGC_GAIN
021E
Not for customer use.
Note: All NICAM relevant registers are “0” for MSP 3405D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com