Electronic Components Datasheet Search
  English  ▼

X  

MSP3405D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MSP3405D
Description  Multistandard Sound Processors
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP3405D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MSP3405D Datasheet HTML 9Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 10Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 11Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 12Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 13Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 14Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 15Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 16Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
MSP 34x5D
PRELIMINARY DATA SHEET
13
Micronas
4.2. Analog Section
4.2.1. SCART Switching Facilities
The analog input and output sections include full matrix
switching facilities, which are shown in Fig. 4–3.
The switches are controlled by the ACB bits defined in
the audio processing interface (see section 7. Program-
ming the DSP Section).
Fig. 4–3: SCART switching facilities (see 7.3.18.)
Switching positions show the default configuration af-
ter power-on reset. Note: SCART_OUT is undefined
after RESET!
S2
ACB[6,11,10]
SCART_IN
SC1_IN_L/R
SC2_IN_L/R
from Audio Baseband
Processing (DSP_OUT)
SCART_OUT
SC1_OUT_L/R
S1
ACB[5,9,8]
to Audio Baseband
Processing (DSP_IN)
A
D
D
A
MONO_IN
SCART1_L/R
SCARTL/R
pins
intern.
signal
lines
4.2.2. Stand-by Mode
If the MSP 34x5D is switched off by first pulling STAND-
BYQ low, and then disconnecting the 5 V, but keeping
the 8 V power supply (‘Stand-by’-mode), the switches
S1 and S2 (see Fig. 4–3) maintain their position and
function. This facilitates the copying from selected
SCART-inputs to SCART-outputs in the TV-set’s stand-
by mode.
In case of power-on start or starting from stand-by, the
IC switches automatically to the default configuration,
shown in Fig. 4–3. This action takes place after the first
I2C transmission into the DSP part. By transmitting the
ACB register first, the individual default setting mode of
the TV set can be defined.
4.3. DSP-Section (Audio Baseband Processing)
All audio baseband functions are performed by digital
signal processing (DSP). The DSP functions are
grouped into three processing parts: input preproces-
sing, channel source selection, and channel postpro-
cessing (see Fig. 4–5 and section 7.).
The input preprocessing is intended to prepare the vari-
ous signals of all input sources in order to form a stan-
dardized signal at the input to the channel selector. The
signals can be adjusted in volume, are processed with
the appropriate deemphasis, and are dematrixed if nec-
essary.
Having prepared the signals that way, the channel selec-
tor makes it possible to distribute all possible source sig-
nals to the desired output channels.
All input and output signals can be processed simulta-
neously with the exception that FM2 cannot be pro-
cessed at the same time as NICAM. FM-identification
and adaptive deemphasis are not possible simulta-
neously (if adaptive deemphasis is active, the ID-level in
stereo detection register is not valid).
4.3.1. Dual Carrier FM Stereo/Bilingual Detection
For the terrestrial dual FM carrier systems, audio in-
formation can be transmitted in three modes: mono, ste-
reo, or bilingual. To obtain information about the current
audio operation mode, the MSP 34x5D detects the so-
called identification signal. Information is supplied via
the Stereo Detection Register to an external CCU.
IDENT
AM
Demodu-
lation
Stereo
Detection
Register
Stereo
Detection
Filter
Bilingual
Detection
Filter
Level
Detect
Level
Detect
–
Fig. 4–4: Stereo/bilingual detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com