Electronic Components Datasheet Search
  English  ▼

X  

MSP3405D Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # MSP3405D
Description  Multistandard Sound Processors
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP3405D Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button MSP3405D Datasheet HTML 35Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 36Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 37Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 38Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 39Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 40Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 41Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 42Page - List of Unclassifed Manufacturers MSP3405D Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
MSP 34x5D
PRELIMINARY DATA SHEET
39
Micronas
7.3.2. Balance Loudspeaker Channel
Positive balance settings reduce the left channel without
affecting the right channel; negative settings reduce the
right channel leaving the left channel unaffected. In lin-
ear mode, a step by 1 LSB decreases or increases the
balance by about 0.8% (exact figure: 100/127). In loga-
rithmic mode, a step by 1 LSB decreases or increases
the balance by 1 dB.
Balance Mode
Loudspeaker
0001hex
[3..0]
linear
0000
0hex
RESET
logarithmic
0001
1hex
Linear Mode
Balance Loudspeaker
Channel [L/R]
0001hex
H
Left muted, Right 100%
0111 1111
7Fhex
Left 0.8%, Right 100%
0111 1110
7Ehex
Left 99.2%, Right 100%
0000 0001
01hex
Left 100%, Right 100%
0000 0000
00hex
RESET
Left 100%, Right 99.2%
1111 1111
FFhex
Left 100%, Right 0.8%
1000 0010
82hex
Left 100%, Right muted
1000 0001
81hex
Logarithmic Mode
Balance Loudspeaker
Channel [L/R]
0001hex
H
Left –127 dB, Right 0 dB
0111 1111
7Fhex
Left –126 dB, Right 0 dB
0111 1110
7Ehex
Left –1 dB, Right 0 dB
0000 0001
01hex
Left 0 dB, Right 0 dB
0000 0000
00hex
RESET
Left 0 dB, Right –1 dB
1111 1111
FFhex
Left 0 dB, Right –127 dB
1000 0001
81hex
Left 0 dB, Right –128 dB
1000 0000
80hex
7.3.3. Bass Loudspeaker Channel
Bass Loudspeaker
0002hex
H
+20 dB
0111 1111
7Fhex
+18 dB
0111 1000
78hex
+16 dB
0111 0000
70hex
+14 dB
0110 1000
68hex
+12 dB
0110 0000
60hex
+11 dB
0101 1000
58hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
–1/8 dB
1111 1111
FFhex
–1 dB
1111 1000
F8hex
–11 dB
1010 1000
A8hex
–12 dB
1010 0000
A0hex
With positive bass settings, internal overflow may occur
even with overall volume less than 0 dB. This will lead to
a clipped output signal. Therefore, it is not recom-
mended to set bass to a value that, in conjunction with
volume, would result in an overall positive gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com