Electronic Components Datasheet Search
  English  ▼

X  

ESDALC5-4BN4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDALC5-4BN4
Description  4 bidirectional Transil diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC5-4BN4 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDALC5-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
ESDALC5-4BN4
2/10
Doc ID 023686 Rev 1
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage, IEC 61000-4-2, level 4:
Contact discharge
Air discharge
30
30
kV
Ipp
Peak pulse current (8/20 µs)
4
A
PPP
Peak pulse power dissipation (8/20 µs)(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
GND to I/O
60
W
Tj
Operating junction temperature range
-40 to 125
°C
Tstg
Storage temperature range
-65 + 150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA, I/O to GND
11
13
V
IR = 1 mA, GND to I/O
5.5
8
IRM
VRM = 5 V
160
nA
VCL
Ipp = 1 A, 8/20 µs, I/O to GND
18
V
Ipp = 1 A, 8/20 µs, GND to I/O
14.5
CLINE
VR = 0 V, F = 1 MHz, Vosc = 30 mV
13
15
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
I
=
Peak pulse current
BR
RM
RM
RM
PP
V
=
Clamping voltage
CL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com