Electronic Components Datasheet Search
  English  ▼

X  

ESDALC5-4BN4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC5-4BN4
Description  4 bidirectional Transil diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC5-4BN4 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC5-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ESDALC5-4BN4
Package information
Doc ID 023686 Rev 1
5/10
3
Package information
●
Epoxy meets UL94, V0
●
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Table 3.
µQFN-4L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.31
0.38
0.40
0.012
0.015
0.016
A1
0.00
0.02
0.05
0.00
0.0008 0.002
b
0.10
0.15
0.20
0.004
0.006
0.008
D
0.70
0.80
0.90
0.028
0.031
0.035
D2
0.50
0.58
0.65
0.020
0.023
0.026
e
0.35
0.40
0.45
0.014
0.016
0.018
E
0.90
1.00
1.10
0.035
0.039
0.043
E2
0.15
0.20
0.25
0.006
0.008
0.010
L
0.18
0.23
0.28
0.007
0.009
0.011
L1
0.00
-
0.05
0.00
-
0.002
Figure 10.
Footprint dimensions (in mm) Figure 11.
Marking
A
A1
D
E
D2
e
E2
L1
b
L
1
4
2
3
Index
area
0.4
0.43
0.2
0.18
0.17
0.58
0.58
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com