Electronic Components Datasheet Search
  English  ▼

X  

ESDALC5-4BN4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALC5-4BN4
Description  4 bidirectional Transil diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC5-4BN4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALC5-4BN4 Datasheet HTML 1Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 2Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 3Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 4Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 5Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 6Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 7Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 8Page - STMicroelectronics ESDALC5-4BN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ESDALC5-4BN4
Characteristics
Doc ID 023686 Rev 1
3/10
Figure 3.
Leakage current versus junction
temperature (typical values)
Figure 4.
Junction capacitance versus
reverse voltage applied
(typical values)
I
R (nA)
0,01
0,1
1
10
100
25
50
75
100
125
150
Vr=5V
IO/GND
GND/IO
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
012
3456
TJ=25°C
IO/GND
IO/IO
VR(V)
C (PF)
Figure 5.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 6.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
10 V/div
20 ns/div
30 nS
60 nS
100 nS
41 V
17 V
18 V
14 V
10 V/div
20 ns/div
30 nS
60 nS
100 nS
-36 V
-11 V
-12 V
-8 V
Figure 7.
S21 attenuation measurements
Figure 8.
Analog crosstalk measurements
between channels
S21 (dB)
100k
1M
10M
100M
1G
10G
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Average
Performance
(50
Ω System)
Pass band
attenuation
0.05 dB
-
3 dB point
484 MHz
Attenuation
(0.8 – 4GHz)
>6 dB
7 dB @ 900 MHz
15 dB @ 1.8 GHz
F/Hz
100k
1M
10M
100M
1G
10G
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Average
Performance
(50
Ω System)
Attenuation
@ 1MHz
100 dB
Attenuation
@ 100MHz
66 dB
Min
Attenuation
@ Hz
33 dB @ 6 GHz
dB
F/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com