Electronic Components Datasheet Search
  English  ▼

X  

PT3403 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT3403
Description  35-W 48-V Input Isolated DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3403 Datasheet(HTML) 5 Page - Texas Instruments

  PT3403 Datasheet HTML 1Page - Texas Instruments PT3403 Datasheet HTML 2Page - Texas Instruments PT3403 Datasheet HTML 3Page - Texas Instruments PT3403 Datasheet HTML 4Page - Texas Instruments PT3403 Datasheet HTML 5Page - Texas Instruments PT3403 Datasheet HTML 6Page - Texas Instruments PT3403 Datasheet HTML 7Page - Texas Instruments PT3403 Datasheet HTML 8Page - Texas Instruments PT3403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT3400 Series
35-W 48-V Input Isolated
DC/DC Converter
Typical Characteristics
50
60
70
80
90
100
0
4
8
12
16
Iout (A)
36V
48V
60V
75V
VIN
PT3407, 1.0 VDC (See Note A)
Efficiency vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (See Note B)
PT3406; VIN =60V
0
5
10
15
20
25
04
8
12
16
Iout (A)
75V
60V
48V
36V
VIN
0
1
2
3
4
5
6
04
8
12
16
Iout (A)
75V
60V
48V
36V
VIN
20
30
40
50
60
70
80
90
04
8
12
16
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
SLTS164B - JULY 2002 - REVISED OCTOBER 2002
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com