Electronic Components Datasheet Search
  English  ▼

X  

PT3403 Datasheet(PDF) 12 Page - Texas Instruments

Part # PT3403
Description  35-W 48-V Input Isolated DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3403 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PT3403 Datasheet HTML 5Page - Texas Instruments PT3403 Datasheet HTML 6Page - Texas Instruments PT3403 Datasheet HTML 7Page - Texas Instruments PT3403 Datasheet HTML 8Page - Texas Instruments PT3403 Datasheet HTML 9Page - Texas Instruments PT3403 Datasheet HTML 10Page - Texas Instruments PT3403 Datasheet HTML 11Page - Texas Instruments PT3403 Datasheet HTML 12Page - Texas Instruments PT3403 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Vo1 (1V/Div)
Vo2 (1V/Div)
HORIZ SCALE: 5ms/Div
Vo1 (1V/Div)
Vo2 (1V/Div)
HORIZ SCALE: 5ms/Div
Figure 4-2; Power-Up Sequence Example with Two Type ‘B’ Modules
Figure 4-3; Power-Up Sequence Example with Two Type ‘A’ Modules
Figure 4-4; Power-Up Sequence Example Using Type ‘A’ & ‘B’ Modules
The adjacent plot shows an example of power-
up sequencing between two Type ‘A’ modules.
In this example the PT3401 (3.3V) and PT3402
(2.5V) are featured. Each converter had a con-
stant current load of 5A applied to its respective
output.
The adjacent plot shows an example of power-
up sequencing between a Type ‘A’ and a Type
‘B’ module. In this example the PT3401 (3.3V)
and PT3405 (1.4V) are featured. Each converter
had a constant current load of 5A applied to its
respective output.
The adjacent plot shows an example of power-
up sequencing between two Type ‘B’ modules.
In this example the PT3405 (1.4V) and PT3406
(1.2V) are featured. Each converter had a con-
stant current load of 5A applied to its respective
output.
Vo1 (0.5V/Div)
Vo2 (0.5V/Div)
HORIZ SCALE: 5ms/Div
PT3400 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com