Electronic Components Datasheet Search
  English  ▼

X  

PT3403 Datasheet(PDF) 11 Page - Texas Instruments

Part # PT3403
Description  35-W 48-V Input Isolated DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT3403 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PT3403 Datasheet HTML 5Page - Texas Instruments PT3403 Datasheet HTML 6Page - Texas Instruments PT3403 Datasheet HTML 7Page - Texas Instruments PT3403 Datasheet HTML 8Page - Texas Instruments PT3403 Datasheet HTML 9Page - Texas Instruments PT3403 Datasheet HTML 10Page - Texas Instruments PT3403 Datasheet HTML 11Page - Texas Instruments PT3403 Datasheet HTML 12Page - Texas Instruments PT3403 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
Figure 4-1; Configuration for Power-Up Sequencing
Remote Sense (–)
Remote Sense (+)
+V
IN
–V
IN
† C
OUT
1,000µF
Remote Sense (–)
Remote Sense (+)
† C
OUT
1,000µF
1 =Inhibit
Q
1
BSS138
(Note 8)
C
2
0.1µF
(Note 4)
Module #1
(Highest V
o)
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+Sense
–Sense
C
1
0.1µF
(Note 4)
Module #2
(Lowest V
o)
1
2
11–13
8–10
14
7
3
4
–V
IN
+V
IN
EN 1
EN 2
SEQ
V
o Adj
6
5
+V
OUT
–V
OUT
+Sense
–Sense
C
3
( Note 5 &
Table 4-2 )
LOAD
Vo
1
LOAD
Vo
2
† For sequencing configurations, a 1,000µF
electrolytic capacitor is recommended at
the output of each converter. See Note 2.
PT3400 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com