Electronic Components Datasheet Search
  English  ▼

X  

PT6510 Datasheet(PDF) 14 Page - Texas Instruments

Part # PT6510
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6510 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PT6510 Datasheet HTML 10Page - Texas Instruments PT6510 Datasheet HTML 11Page - Texas Instruments PT6510 Datasheet HTML 12Page - Texas Instruments PT6510 Datasheet HTML 13Page - Texas Instruments PT6510 Datasheet HTML 14Page - Texas Instruments PT6510 Datasheet HTML 15Page - Texas Instruments PT6510 Datasheet HTML 16Page - Texas Instruments PT6510 Datasheet HTML 17Page - Texas Instruments PT6510 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MECHANICAL DATA
MPSI016A – MARCH 2001 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEG (R–PSIP–T14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C. 2-place decimals are
D. 3-place decimals are
E. Recommended mechanical keep-out area.
F. The metal tab is isolated but electrically conductive.
No signal traces are allowed under the metal tab area.
A solid copper island is recommended, which may be grounded.
G. No copper, power or signal traces in this area.
" 0.030 (" 0, 76 mm).
" 0.010 (" 0, 25 mm).
1
(13,20)
0.52
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E, F
Note F
0.42
(10,66)
MAX.
0.040
(1,01)
0.017
(0,43)
TYP.
PC LAYOUT
1.22 (30,98)
MAX.
0.38 (9,65)
(14,98)
0.59
1.71 (43,43) MAX.
2.36 (62,48) MAX.
(8,25)
0.325
2.000 (50,80)
0.61
(15,49)
0.41 (10,41)
(21,08)
0.83
(4,82)
0.19
0.350 (8,89)
ø0.187 (4,74)
(30,06)
1.42
(44,95)
1.77
2.000 (50,80)
(61,46)
2.42
(4,44)
0.175
0.325(8,25)
Hole for #6–32 screws
Note G
(16,51)
0.65
(21,84)
0.86
(33,27)
1.31
0.235 (5,97)
0.350 (8,89)
0.100 (2,54) 13 Places
(1,77)
0.07
(5,08)
0.20
0.040 (1,01)
ø0.035 (0,88) MIN. 14 Places
Plated through
0.140
MIN.
(3,55)
4202008/B 02/02
Suffix G
2 Places



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com