Electronic Components Datasheet Search
  English  ▼

X  

PT6510 Datasheet(PDF) 18 Page - Texas Instruments

Part # PT6510
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6510 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PT6510 Datasheet HTML 11Page - Texas Instruments PT6510 Datasheet HTML 12Page - Texas Instruments PT6510 Datasheet HTML 13Page - Texas Instruments PT6510 Datasheet HTML 14Page - Texas Instruments PT6510 Datasheet HTML 15Page - Texas Instruments PT6510 Datasheet HTML 16Page - Texas Instruments PT6510 Datasheet HTML 17Page - Texas Instruments PT6510 Datasheet HTML 18Page - Texas Instruments PT6510 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
MECHANICAL DATA
MPSI020 – MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEL (R–PSIP–G14)
PLASTIC SINGLE-IN-LINE MODULE
0.006 (0,15) MAX.
1
(13,20)
0.52
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E
Note F
0.080 (2,02) MIN.
PC LAYOUT
1.22 (30,98)
MAX.
0.38
(9,65)
(14,98)
0.59
1.71 (43,43) MAX.
(30,06)
1.42
(44,95)
1.77
0.175 (4,44)
(13,84)
0.545
Note L
(28,44)
1.120
(34,29)
1.35
C
LL
C
to
L
C toC
L
0.235 (5,97)
0.100 (2,54) 13 Places
0.035 (0,88) 14 Places
Note G
0.150 (3,81)
0.17 (4,32)
(2,54)
0.10
0.71
(18,07)
(22,11)
0.87
Note J
0.017
(8,38)
0.085 (2,16)
Gage Plane
(7,11)
(5,33)
(9,65)
0.38
0.210
0.280
0.080
2 Places
TYP.
Note K
Note H
(2,03)
(0,43)
Seating Plane
(10,66)
0.42
MAX.
0.040
(1,01)
0.33
0.042
0.036 (0,91)
(1,06)
4202012/A 02/01
0.19 (4,82)
0
°–7°
0.210 (5,33)
0.040 (1,01)
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C.
D.
E. Recommended mechanical keep-out area.
F. The metal tab is isolated but electrically conductive.
No signal traces are allowed under the metal tab area.
A solid copper island is recommended, which may be
grounded.
G. Power pin connections should utilize two or more
vias per input, ground and output pin.
H.
Minimum copper land area required for solder tab.
Vias are recommended to improve copper adhesion
or connect land to other ground area.
J. Underside solder tabs detail
K. Solder mask openings to copper island for solder
joints to mechanical pins.
L. No copper, power or signal traces in this area.
2–place decimals are
" 0.030 (" 0, 76 mm).
3–place decimals are
" 0.010 (" 0, 25 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com