Electronic Components Datasheet Search
  English  ▼

X  

PT6510 Datasheet(PDF) 15 Page - Texas Instruments

Part # PT6510
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6510 Datasheet(HTML) 15 Page - Texas Instruments

Back Button PT6510 Datasheet HTML 11Page - Texas Instruments PT6510 Datasheet HTML 12Page - Texas Instruments PT6510 Datasheet HTML 13Page - Texas Instruments PT6510 Datasheet HTML 14Page - Texas Instruments PT6510 Datasheet HTML 15Page - Texas Instruments PT6510 Datasheet HTML 16Page - Texas Instruments PT6510 Datasheet HTML 17Page - Texas Instruments PT6510 Datasheet HTML 18Page - Texas Instruments PT6510 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MECHANICAL DATA
MPSI017 – MARCH 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EED (R–PSIP–T14)
PLASTIC SINGLE-IN-LINE MODULE
NOTES: A. All linear dimensions are in inches (mm).
B. This drawing is subject to change without notice.
C. 2-place decimals are
D. 3-place decimals are
E. Recommended mechanical keep-out area.
F. P-suffix parts include a metal heat spreader.
The heat spreader is isolated but electrically
conductive, it can be grounded.
N-suffix does not include a metal heat spreader.
" 0.030 (" 0, 76 mm).
" 0.010 (" 0, 25 mm).
1
1
1.71 (43,43) MAX.
(9,65)
0.38
0.59
(14,98)
MAX.
1.22 (30,98)
0.100 (2,54) TYP.
0.017 (0,43) TYP.
0.205 (5,20)
Note E
Note F
(10,66)
0.42
MAX.
0.170 (4,31) MIN.
0.017 (0,43) TYP.
PC LAYOUT
1.77 (44,95)
0.235 (5,96)
Plated through
0.100 (2,54) 13 Places
ø0.035 (0,88) MIN. 14 Places
(10,66)
0.42
0.040 (1,01)
4202009/A 02/01
(13,20)
0.52
0.012 (0,30)
0.018 (0,45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com