| Electronic Components Datasheet Search |
|
L9660 Datasheet(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9660 Datasheet(HTML) 34 Page - STMicroelectronics |
|
34 / 49 page ![]() Functional description L9660 34/49 DocID024714 Rev 2 Deployment commands The deployment mode is used to activate the drivers. Two consecutive commands are required to activate the drivers. Any combination of channels can be fired as long as the prerequisite conditions are met as indicated in the previous section. The SPI message definition for MOSI commands and MISO responses in Deployment Mode are defined below. MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Deployment Mode 1 0 1 P 1 1 0 0 1 0 0 0 0 Arming Channel Select MISO Response for Deployment Mode 1 0 1 P 1 1 0 0 1 0 0 0 0 Armed Channels MOSI Command for Deployment Mode 2 0 1 P 0 0 0 0 0 0 0 0 0 Firing Channel Select MISO Response for Deployment Mode 2 0 1 P 0 0 0 0 0 0 0 0 0 Channels activated or channels waiting for FEN input Table 18. Deployment mode 1 bit definition Bit MOSI command MISO response State Description D15 0 Mode bits See above D14 1 See above D13 Odd Parity – Includes all 16 bits Odd Parity – Includes all 16 bits D12 – D8 Arm pattern See above D7 0 - 0 D6 0 - 0 D5 0 - 0 D4 0 - 0 D3 0 Channel 3 Idle (default) Internal Stored Value Arm bit 1 Arm Channel 3 D2 0 Channel 2 Idle (default) Internal Stored Value Arm bit 1 Arm Channel 2 D1 0 Channel 1 Idle (default) Internal Stored Value Arm bit 1 Arm Channel 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |