Electronic Components Datasheet Search
  English  ▼

X  

L9660TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9660TR Datasheet HTML 1Page - STMicroelectronics L9660TR Datasheet HTML 2Page - STMicroelectronics L9660TR Datasheet HTML 3Page - STMicroelectronics L9660TR Datasheet HTML 4Page - STMicroelectronics L9660TR Datasheet HTML 5Page - STMicroelectronics L9660TR Datasheet HTML 6Page - STMicroelectronics L9660TR Datasheet HTML 7Page - STMicroelectronics L9660TR Datasheet HTML 8Page - STMicroelectronics L9660TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
September 2013
DocID024714 Rev 2
1/49
L9660
Quad squib driver ASIC for safety application
Datasheet
- production data
Features
 4 deployment drivers with SPI selectable firing
current and times
 Capability to deploy the squib with 1.2 A
(min)/2 ms, 1.75 A (min)/1.0 ms and 1.75 A
(min)/0.65 ms between VRES of 7 V to 37 V
 Capability to deploy the squib with 1.5 A
(min)/2 ms between VRES of 7 V to 25 V
 Firing capability to deploy all channels
simultaneously
 Independently controlled high-side and low-
side MOS for diagnosis
 Analog output available for resistance
measurement
 Squib short to ground, short to battery and
MOS diagnostic available on SPI register
 Capability to deploy the squib when the low
side MOS is shorted to ground
 2 fire enable inputs
 5.5 MHz SPI interface
 Low voltage internal reset
 2 kV ESD capability on all pins
 Package: LQFP64
 Technology: ST proprietary BCD5 (0.65µm)
 RoHS compliant
Description
The L9660 is intended to deploy up to 4 squibs.
Squib drivers are sized to deploy 1.2 A minimum
for 2 ms, 1.75 A minimum for 1 ms and 1.75 A
minimum for 0.65 ms during load dump along with
1.5 A minimum for 2 ms for VRES voltages less
than 25 V.
Full diagnostic capabilities of the squib interface
are provided.
LQFP64 (10x10x1.4mm)
Table 1. Device summary
Order code
Amb. temp range,
C
Package
Packing
L9660
-40 to +95
LQFP64
Tray
L9660TR
-40 to +95
LQFP64
Tape and reel
www.st.com


Similar Part No. - L9660TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9662 STMICROELECTRONICS-L9662 Datasheet
1Mb / 80P
Octal squib driver and quad Manchester/PSI5 encoded sensor
08-Sep-2015
L9662TR STMICROELECTRONICS-L9662TR Datasheet
1Mb / 80P
Octal squib driver and quad Manchester/PSI5 encoded sensor
08-Sep-2015
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 106P
Automotive PSI5 Transceiver IC
05-Apr-2024
L9663-1 STMICROELECTRONICS-L9663-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
More results

Similar Description - L9660TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NVP3000 ETC1-NVP3000 Datasheet
204Kb / 2P
ASIC Solution for 1-channel DVR application using HDD
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
Four Channel Squib Driver IC
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
2-channel Squib Driver for Air Bags
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
STMicroelectronics
AN4287 STMICROELECTRONICS-AN4287 Datasheet
705Kb / 27P
Safety application guide for SPC564Axx family
24-Sep-2013
AN4475 STMICROELECTRONICS-AN4475 Datasheet
321Kb / 26P
Safety Application Guide for SPC563Mxx family
05-May-2014
L9662 STMICROELECTRONICS-L9662 Datasheet
1Mb / 80P
Octal squib driver and quad Manchester/PSI5 encoded sensor
08-Sep-2015
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
Octal squib driver ASIC for safety application
19-Sep-2013
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
Quad squib driver and dual sensor interface ASIC for safety application
12-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com