Electronic Components Datasheet Search
  English  ▼

X  

L9660TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 7Page - STMicroelectronics L9660TR Datasheet HTML 8Page - STMicroelectronics L9660TR Datasheet HTML 9Page - STMicroelectronics L9660TR Datasheet HTML 10Page - STMicroelectronics L9660TR Datasheet HTML 11Page - STMicroelectronics L9660TR Datasheet HTML 12Page - STMicroelectronics L9660TR Datasheet HTML 13Page - STMicroelectronics L9660TR Datasheet HTML 14Page - STMicroelectronics L9660TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
DocID024714 Rev 2
11/49
L9660
Electrical specifications
48
2.4.2
Electrical characteristics - Squib deployment drivers and diagnostics
4.9 V
 V
DD  5. 1V; 7 V  VRESX  37 V; 7 V  VSDIAG  37 V; FEN1 = FEN2 = VDD;
R_REF = 10 k
, ±1%, 100 PPM; -40 °C  T
A  +95 °C; C_VRES0_1  68nF; C_VRES2_3 
68nF; unless other specified.
ILKGD
Input leakage current
MOSI, SCLK
VIN = VDD
-
-
1
µA
VIN = 0 to VIH
-1
-
-
µA
IPU_CS
Input pull-up current CS_D
VIN = VIH to GND
-10
-
-50
µA
VOH
Output voltage MISO
IOH = -800µA
VDD–
0.8
--
V
VOL
IOL = 1.6mA
-
-
0.4
V
IHI_Z
Tri-state current MISO
MISO = VDD
-
-
1
µA
MISO = 0V
-1
-
-
µA
Table 6. General - DC electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 7. Squib deployment drivers and diagnostics - DC electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General
ILKGSQH
Leakage current SQH
VSDIAG = VDD = 0,
VRES = 37V, VSQH = 0V
-
-
50
µA
ILKGVRES
Bias current VRESX
VSDIAG = 18V; VDD = 5V;
VRES = 37V; SQH shorted
to SQL
-
-
10
µA
ILKGSQL
Leakage current SQL
VSDIAG = VDD = 0,
VSQL = 18V
-10
-
10
µA
IPD
Pull-down current SQL
VSQL = 1.5V to 20V
3.3
-
4.1
mA
VBIAS
Diagnostics Bias voltage
Nominal 3.6V
-5%
VDD*
0.72
+5%
V
Short to battery/ground diagnostics - Rsqb from 0 to Open
ISVRCM
Maximum diagnostics bias
current limit
Short to battery or ground
test active VSQH = 0V
5-
20
mA
RSTB
Short to battery resistance
threshold
Vbatt = 6.5V
1.92
-
3.42
K
Vbatt = 16V
8.61
-
13.98
K
Vbatt = 20V
11.42
-
18.42
K
ISTB
Short to battery current
threshold
-0.9
-
1.42
mA
RSTG
Short to ground threshold
-
1.07
-
2.1
K
ISTG
Short to ground current
threshold
-
1.8
-
3.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com