Electronic Components Datasheet Search
  English  ▼

X  

L9660TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9660TR
Description  Quad squib driver ASIC for safety application
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9660TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9660TR Datasheet HTML 16Page - STMicroelectronics L9660TR Datasheet HTML 17Page - STMicroelectronics L9660TR Datasheet HTML 18Page - STMicroelectronics L9660TR Datasheet HTML 19Page - STMicroelectronics L9660TR Datasheet HTML 20Page - STMicroelectronics L9660TR Datasheet HTML 21Page - STMicroelectronics L9660TR Datasheet HTML 22Page - STMicroelectronics L9660TR Datasheet HTML 23Page - STMicroelectronics L9660TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Functional description
L9660
20/49
DocID024714 Rev 2
3.3
Serial peripheral interface (SPI)
The L9660 contains one serial peripheral interface for control of the squib functions. The
following table shows features that are accessed/controlled by the SPI.
.
The software reset accessed over SPI is resets squib functions. The L9660 has a counter to
verify the number of clocks in SCLK. If the number of clocks in SCLK is not equal to 16
clocks while CS_D is asserted, it ignores the SPI message and sends a SPI fault response.
L9660 computes SPI error length flag through counting the number of SCLK rising edges
occurring when CS_D is active. If the first SCLK rising edge occurs when CS_D is inactive
and the falling edge occurs when CS_D is low, it is considered as valid edge.
MOSI commands contain several unused bits, all those bits must be 0. Commands are not
recognized valid if one or more unused bits are not 0.
3.3.1
SPI pin descriptions
Chip select (CS_D)
Chip-select inputs select the L9660 for serial transfers. CS_D can be asserted at any given
time and are active low. When chip-select is asserted, the respective MISO pin is released
from tri-state mode, and all status information is latched into the SPI shift register. While
chip-select is asserted, register data is shifted into MOSI pin and shifted out of MISO pin on
each subsequent SCLK. When chip-select is negated, MISO pin is tri-stated. To allow
sufficient time to reload the registers; chip-select pin shall remain negated for at least tCSN.
The chip-select inputs have current sinks which pull these pins to the negated state when
there is an open circuit condition. These pins have TTL level compatible input voltages
allowing proper operation with microprocessors using a 3.3 to 5.0 volt supply.
Serial clock (SCLK)
SCLK input is the clock signal input for synchronization of serial data transfer. This pin has
TTL level compatible input voltages allowing proper operation with microprocessors using a
3.3 to 5.0 volt supply. When chip select is asserted, both the SPI master and L9660 latch
input data on the rising edge of SCLK. The L9660 shifts data out on the falling edge of
SCLK.
Serial data output (MISO)
MISO output pins shall be in one tri-state condition when chip select is negated. When chip
select is asserted, the MSB is the first bit of the word/byte transmitted on MISO and the LSB
is the last bit of the word/byte transmitted. This pin supplies a rail to rail output, so if
interfaced to a microprocessor that is using a lower VDD supply, the appropriate
microprocessor input pin shall not sink more than IOH(min) and shall not clamp the MISO
output voltage to less than VOH(min) while MISO pin is in a logic “1” state. When connecting
to a micro using a lower supply, such as 3.3V, a resistor divider shall be used with high
enough impedance to prevent excess current flow.
Table 9. Features that are accessed/controlled for the SPI
Function
Pin names
Features accessed
Squib diagnostic and deployment SPI
SCLK
MISO
MOSI
CS_D
All Squib Diagnostics; Squib
related status information;
Squib Arming and Firing;
Software Reset; Component
ID & Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com