Electronic Components Datasheet Search
  English  ▼

X  

1037372 Datasheet(PDF) 2 Page - SICK AG

Part # 1037372
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037372 Datasheet(HTML) 2 Page - SICK AG

  1037372 Datasheet HTML 1Page - SICK AG 1037372 Datasheet HTML 2Page - SICK AG 1037372 Datasheet HTML 3Page - SICK AG 1037372 Datasheet HTML 4Page - SICK AG 1037372 Datasheet HTML 5Page - SICK AG 1037372 Datasheet HTML 6Page - SICK AG 1037372 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SEL52-H1A0-K02 | SEK/SEL52
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Illustration may differ
Ordering information
Type
Part no.
SEL52-H1A0-K02
1037372
Other models and accessories
www.sick.com/SEK_SEL52
Detailed technical data
Performance
Number of sine/cosine periods per revolu-
tion
16
Number of the absolute ascertainable revo-
lutions
4,096
Maximum number of steps per revolution
512 via RS485
Total number of steps
2,097,152
Measuring step
20 Winkelsekunden For interpolation of the sine/cosine signals with, e. g., 12 bits
Integral non-linearity typ.
± 288 Winkelsekunden, Error limits for evaluating sine/cosine period, Typical values for nomi-
nal position ± 0.1 mm and + 20 °C
Differential non-linearity
± 72 Winkelsekunden, Non-linearity within a sine/cosine period, Typical values for nominal po-
sition ± 0.1 mm and + 20 °C
Operating speed
6,000 
min⁻¹, up to which the absolute position can be reliably produced
Interfaces
Type of code for the absolute value
Binary
Code sequence
Increasing, when turning the shaft For clockwise rotation, looking in direction “A” (see dimen-
sional drawing), for clockwise shaft rotation, looking in direction "A" (see dimensional drawing)
Communication interface
HIPERFACE®
Available memory area
1,792 Byte
Electrical data
Supply voltage range
7 V DC ... 12 V DC
Recommended supply voltage
8 V DC
Operating power consumption (no load)
< 50 mA 1)
1) Without load.
Mechanical data
Shaft version
Blind hollow shaft
Dimensions
See dimensional drawing
Weight
0.07 kg
Moment of inertia of the rotor
6 gcm²
Operating speed
10,000 
min⁻¹, 12,000 U/min
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-05-10 11:53:11
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com