Electronic Components Datasheet Search
  English  ▼

X  

1037372 Datasheet(PDF) 3 Page - SICK AG

Part # 1037372
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037372 Datasheet(HTML) 3 Page - SICK AG

  1037372 Datasheet HTML 1Page - SICK AG 1037372 Datasheet HTML 2Page - SICK AG 1037372 Datasheet HTML 3Page - SICK AG 1037372 Datasheet HTML 4Page - SICK AG 1037372 Datasheet HTML 5Page - SICK AG 1037372 Datasheet HTML 6Page - SICK AG 1037372 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SEL52-H1A0-K02 | SEK/SEL52
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Angular acceleration
≤ 500,000 rad/s²
Permissible radial shaft movement
± 0.15 mm
Permissible axial shaft movement
± 0.5 mm
Connection type
Male connector M12, 8-pin, axial
Ambient data
Operating temperature range
–20 °C ... +115 °C
Storage temperature range
–50 °C ... +125 °C, without package
Relative humidity/condensation
90 %, Condensation not permitted
Resistance to shocks
100 g, 10 ms, 10 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 50 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2 and EN 61000-6-3 1)
Enclosure rating
IP20, built-on version, with mating connector inserted and closed cover (according to
IEC 60529)
1) The EMC according to the standards quoted is achieved when the motor feedback system is mounted in an electrically conductive housing, which is connected to
the central earthing point of the motor controller via a cable screen and with the cover (order number 2048232) in use. If other screening concepts are used, users
must perform their own tests.
Classifications
ECl@ss 5.0
27270590
ECl@ss 5.1.4
27270590
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270590
ECl@ss 8.0
27270590
ECl@ss 8.1
27270590
ECl@ss 9.0
27270590
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
Dimensional drawing (Dimensions in mm (inch))
General tolerances according to DIN ISO 2768-mk
3 x
12
0°
180°
housing fastening
surface (2 x 180°
or 3 x 120°)
1.5
(0.06)
18.6
(0.73)
2017-05-10 11:53:11 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com