Electronic Components Datasheet Search
  English  ▼

X  

1037372 Datasheet(PDF) 5 Page - SICK AG

Part # 1037372
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037372 Datasheet(HTML) 5 Page - SICK AG

  1037372 Datasheet HTML 1Page - SICK AG 1037372 Datasheet HTML 2Page - SICK AG 1037372 Datasheet HTML 3Page - SICK AG 1037372 Datasheet HTML 4Page - SICK AG 1037372 Datasheet HTML 5Page - SICK AG 1037372 Datasheet HTML 6Page - SICK AG 1037372 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEL52-H1A0-K02 | SEK/SEL52
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
PIN
Signal
Colour of wires (cable outlet)
Explanation
1
US
Red
Supply voltage
2
+ SIN
White
Process data channel
3
REFSIN
Brown
Process data channel
4
+ COS
Pink
Process data channel
5
REFCOS
Black
Process data channel
6
GND
Blue
Ground connection
7
Data +
Gray or yellow
Parameter channel RS 485
8
Data -
Green or purple
Parameter channel RS 485
The GND (0 V) connection of the supply voltage has no connection to the housing
Diagram
Signal diagram for clockwise shaft rotation, looking in direction “A” (see dimensional drawing) 1 period = 360° : 16
2017-05-10 11:53:11 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com