Electronic Components Datasheet Search
  English  ▼

X  

ZR36050 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZR36050
Description  JPEG IMAGE COMPRESSION PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36050 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZR36050 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
ZR36050
21
ADVANCE INFORMATION
Compressed Data Interface
When the MSTR bit of the HARDWARE register is set, the
ZR36050 transfers compressed data using the Compressed
Data Interface, directly accessing the external compressed data
memory in a Master mode. Data transfers are 8 bits wide, using
the CODE bus and the control signals CCS, COE, CWE, and
CAEN.
The CBUSY input can be used by the external compressed data
memory control logic, to suppress read or write access by the
Compressed Data Interface when the memory is temporarily
unavailable. CBUSY is sampled one CLK_IN prior to the begin-
ning of a bus cycle, and its state determines whether the bus
cycle is executed or suppressed.
The Compressed Data Interface does not provide the address
signals to the compressed data memory. The memory must
appear to the interface as a FIFO. CAEN, which is activated on
each access, can be used by the memory control logic to enable
an address counter.
The cycle time of master mode transfers can be from one to eight
CLK_IN cycles, and is specified by the CFIS field of the
HARDWARE register. A new bus cycle can begin immediately
after the end of the previous cycle.
A bus cycle starts when the Compressed Data Interface acti-
vates CCS. CCS is stable throughout the bus cycle, and CAEN
is active during the last CLK_IN cycle of the bus cycle. In back-
to-back bus cycles, CCS is active continuously.
In a read cycle, executed during decoding, COE goes active 0.5
x CLK_IN after the beginning of the cycle, and remains active
until the end of the cycle. The memory must drive data on the
CODE bus while COE is active. The Compressed Data Interface
latches the data on the trailing edge of COE.
In a write cycle, executed during encoding, CWE goes active 0.5
x CLK_IN after the beginning of the cycle, and remains active
until the end of the cycle. The Compressed Data Interface drives
CODE with valid data for the duration of the bus cycle.
When the Compressed Data Interface is inactive, the CODE bus
floats, and is pulled low by the internal pull-down devices. The
interface control signals are driven high.
Figure 15 and Figure 16 show examples of read and write
cycles, with CFIS = 001 (2 CLK_IN cycles per bus cycle). In
these examples, CBUSY is sampled first inactive, to enable a
bus cycle, then active to suppress the start of the next bus cycle.
The dashed lines depict the start of a bus cycle that could have
been executed if CBUSY had been sampled active.
COE
CAEN
CCS
CODE
CBUSY
CLK_IN
Figure 15. Master Mode Compressed Data Read in Decoding, Shown for Bus Cycle Time of Two CLK_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com