Electronic Components Datasheet Search
  English  ▼

X  

ZR36050 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # ZR36050
Description  JPEG IMAGE COMPRESSION PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36050 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button ZR36050 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 44Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 45Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 46Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
ZR36050
44
ADVANCE INFORMATION
AC CHARACTERISTICS
Signal
Number
Parameter
21 MHz
27 MHz
Units
Test
Conditions
Min
Max
Min
Max
1
Clock Period, TCP
47.5
400
37
400
ns
2
Clock High Width
17
10
ns
@2.0V
3
Clock Low Width
17
10
ns
@0.8V
4
Clock Rise Time
3
3
ns
0.8V to 2.0V
5
Clock Fall Time
3
3
ns
2.0V to 0.8V
6
RESET Width
4 * TCP
4 * TCP
ns
7
Synchronous Control Input Setup time
12
12
ns
Note 1
8
Synchronous Control Input Hold Time
0
0
ns
Note 1
9
Pixel Data Input Setup Time
12
12
ns
10
Pixel Data Input Hold Time
0
0
ns
11
Pixel and Coefficient Data Output
Propagation Delay
125122
ns
12
Miscellaneous Control Output
Propagation Delay
1
25
1
22
ns
Note 2
13
Pixel and Coefficient Data Disable Time
0
25
0
22
ns
14
Bidirectional Control Disable Time
0
25
0
22
ns
Note 3
15
Address and Chip Select Setup Time
5
5
ns
16
Address and Chip Select Hold Time
5
5
ns
17
RD or WR Pulse Width
3 * TCP
3 * TCP
ns
18
Host Interface Read or Write Recovery
Time
1 * TCP
1 * TCP
ns
Note 4
19
Read Data Enable Delay
0
0
ns
20
Read Data valid Delay
3 * TCP-10
3 * TCP-10
ns
CL = 50 pF
21
Read Data Hold Time
10
TCP
10
TCP
ns
22
Write Data Setup Time
40
2 * TCP
40
2 * TCP
ns
23
Write Data Hold Time
0
0
ns
24
Interrupt Hold Time After Acknowledge
2 * TCP
2 * TCP
ns
25
DREQ Hold Time After Acknowledge
2 * TCP
2 * TCP
ns
26
DACK Setup Time
5
5
ns
27
DACK Hold Time
5
5
ns
28
Compressed Data Interface Control
Output Propagation Delay
115115
ns
29
COE, CWE Falling Edge Propagation
Delay
0.5 * TCP +1
0.5 * TCP +15
0.5 * TCP +1
0.5 * TCP +15
ns
30
COE, CWE Pulse Width
Note 5
Note 5
ns
31
CODE Output Propagation Delay
(Encoding)
125122
ns
32
CODE Output Disable Time (Encoding)
1
25
0
22
ns
33
CODE Output Disable Time (Encoding)
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com