Electronic Components Datasheet Search
  English  ▼

X  

ZR36050 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZR36050
Description  JPEG IMAGE COMPRESSION PROCESSOR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ZR36050 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZR36050 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZR36050 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
ZR36050
12
ADVANCE INFORMATION
Baseline Compression Pass, and the resulting compressed data
is fully JPEG compatible. At the completion of the Compression
Pass with or without Bit Rate Control, the ZR36050 calculates a
New Scale Factor (NSF) and saves it in the SF Internal Memory
register. The NSF can be used in the next encoding operation or
the host can overwrite it by its own Scale Factor.
Auto Bit Rate Control
In this mode the ZR36050 performs a Statistical Pass followed
automatically (without host intervention) by a Compression Pass
with Bit Rate Control. The ZR36050 computes the new Scale
Factor and the Allocation Factor at the end of the Statistical
Pass, and rescales the quantization tables by the new scale
factor at the start of the Compression Pass. The DQT marker
must be enabled for Auto Bit Rate Control to work correctly.
Tables-Only Pass
In this mode, the ZR36050 generates compressed data in the
JPEG abbreviated format for table specification. The abbreviat-
ed format compressed data contains only the SOI marker,
quantization and/or Huffman tables specifications (DQT and/or
DHT marker segments), optional APP, COM marker segments,
and the EOI marker. The content of the MARKERS_EN register
specifies which marker segments are to be included in the
abbreviated format data. The Pixel Interface is inoperative in this
mode.
Tables Preload for Encoding
Prior to encoding a sequence of images with the same quantiza-
tion and/or Huffman tables, this mode is used to preload the
tables. The DQTI and DHTI bits of the MARKERS_EN register
specify which tables to preload. If DQTI is set, the ZR36050 mul-
tiplies the quantization tables, specified in the DQT segment of
Internal Memory by the Scale Factor, and stores the scaled
tables in the Quantization Tables Store. If DHTI is set, it decodes
the Huffman tables specifications from the DHT segment of
Internal Memory, where they are specified in accordance with
the JPEG syntax, and stores the decoded tables in the Huffman
Tables Store, for use in compressing the images. In this mode,
the Pixel Interface and the Code Buffer are inoperative.
JPEG Lossless Compression
In a Compression Pass, if the ZR36050 finds the SOF3 frame
marker in the Internal Memory, it switches to the JPEG Lossless
Compression mode. JPEG Lossless compression uses a spatial
algorithm, so the DCT Unit is bypassed in this mode. No quanti-
zation is performed, so the Quantization Tables Store is not
used. The ZR36050 encodes the image samples using the
JPEG one-dimensional horizontal prediction method and
Huffman coding. Up to two Huffman tables are allowed in JPEG
Lossless compression. The sample precision can be from 2 to 12
bits. Horizontally subsampled components are supported and no
point transform is performed (the point transform parameter in
the scan header marker segment is ignored).
DECODING MODES
JPEG Baseline Expansion
In Expansion mode, the ZR36050 reads compressed data and
expands it using the inverse of the JPEG Baseline encoding
algorithm. It stores the marker segments extracted from the com-
pressed data in the Marker Segments Section of Internal
Memory, where the host can access the information. When it
encounters a DQT or DHT marker segment, it decodes the
segment and stores the tables in the Table Stores. It expands
any subsequent compressed image data using the stored tables.
If the compressed data contains multiple instances of a marker
segment, a new segment will overwrite the previous segment of
the same type in the internal memory. This mode is also used to
decode abbreviated format tables-only compressed data.
Fast Preview
In this mode, the ZR36050 decodes only the DC coefficients
from the JPEG Baseline compressed image data, and outputs
them, after level-shifting to form unsigned DC values, via the
Pixel Interface. Since only one sample is output for each 8 x 8
block, the result is a thumbnail version of the image, scaled down
by a factor of eight horizontally and vertically. It is generated up
to 25 times faster than full image expansion. The inverse DCT
computation is bypassed in this mode.
Tables Preload for Decoding
The ZR36050 reads the quantization and/or Huffman tables from
Internal Memory and stores them in the Table Stores for
decoding images in the JPEG abbreviated data-only format. The
DQTI and DHTI bits of the MARKERS_EN register specify which
tables to preload. If DQTI is set, the ZR36050 multiplies the
quantization tables by the Scale Factor and stores the scaled
tables in the Quantization Tables Store. If DHTI is set, it decodes
the Huffman tables specifications from the DHT segment of the
Internal Memory, where they are specified in accordance with
the JPEG syntax, and stores the decoded tables in the Huffman
Tables Store. In this mode, the Pixel Interface and the Code
Buffer are inoperative.
JPEG Lossless Expansion
In Expansion mode, if the ZR36050 detects the SOF3 frame
marker in the compressed data, it switches to the JPEG Lossless
Expansion mode. The DCT Unit is bypassed in this mode, and
the quantization tables are not used. The compressed image is
decoded by the inverse of the method used in the Lossless Com-
pression mode. As in Lossless Compression, up to two Huffman
tables are allowed. The sample precision can be from 2 to 12
bits. Horizontally subsampled components are supported and no
point transform is performed (the point transform parameter in
the scan header marker segment is ignored. Therefore if a
lossless bitstream with point transform other than zero is input
into the ZR36050, it will be decoded as if the point transform is
zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com