Electronic Components Datasheet Search
  English  ▼

X  

2SC5828 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # 2SC5828
Description  Silicon NPN Epitaxial VHF/UHF Wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5828 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button 2SC5828 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5828
Rev.0, Nov. 2001, page 7 of 10
S Parameter
(V
CE = 1 V, IC = 5 mA, ZO = 50 Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.819
–34.8
15.22
156.8
0.031
71.2
0.921
–20.6
200
0.732
–64.9
12.81
138.1
0.054
59.1
0.776
–35.1
300
0.671
–88.2
10.54
124.7
0.067
51.3
0.642
–45.0
400
0.609
–105.1
8.65
115.3
0.076
47.5
0.542
–50.6
500
0.588
–118.9
7.31
107.9
0.082
46.5
0.471
–54.7
600
0.563
–129.1
6.28
102.6
0.087
46.1
0.417
–57.0
700
0.549
–137.5
5.47
97.8
0.091
46.3
0.379
–58.8
800
0.541
–143.8
4.87
93.6
0.096
47.6
0.350
–60.2
900
0.529
–149.7
4.40
90.2
0.101
48.8
0.329
–61.8
1000
0.537
–154.8
4.01
86.9
0.106
50.3
0.312
–62.9
1100
0.522
–159.4
3.67
84.1
0.111
51.7
0.300
–64.0
1200
0.530
–163.0
3.38
81.1
0.117
53.1
0.290
–65.5
1300
0.523
–166.5
3.15
79.0
0.121
53.8
0.281
–66.9
1400
0.526
–169.7
2.94
76.7
0.126
55.5
0.275
–68.1
1500
0.533
–172.4
2.77
74.1
0.133
56.8
0.269
–69.5
1600
0.521
–175.8
2.61
72.2
0.139
57.7
0.268
–71.0
1700
0.532
–177.9
2.46
70.2
0.145
59.0
0.264
–72.7
1800
0.520
–179.5
2.35
67.9
0.152
60.1
0.263
–74.3
1900
0.530
177.6
2.23
66.0
0.158
60.8
0.261
–76.0
2000
0.533
175.9
2.14
63.9
0.167
61.5
0.261
–77.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com