Electronic Components Datasheet Search
  English  ▼

X  

2SC5828 Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # 2SC5828
Description  Silicon NPN Epitaxial VHF/UHF Wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5828 Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button 2SC5828 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 9Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5828
Rev.0, Nov. 2001, page 8 of 10
(V
CE = 1 V, IC = 20 mA, ZO = 50 Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.496
–81.4
34.91
134.4
0.022
62.9
0.680
–47.1
200
0.455
–121.9
22.12
114.3
0.033
59.6
0.438
–67.3
300
0.446
–139.6
15.54
104.5
0.042
62.4
0.316
–77.8
400
0.433
–151.0
11.90
98.8
0.050
65.0
0.251
–84.4
500
0.438
–158.4
9.60
94.4
0.060
67.5
0.213
–89.4
600
0.434
–163.6
8.04
91.2
0.070
68.8
0.187
–93.5
700
0.440
–168.3
6.91
88.4
0.079
70.0
0.170
–96.6
800
0.439
–170.7
6.05
85.7
0.089
70.8
0.159
–100.0
900
0.437
–175.1
6.45
83.6
0.099
70.9
0.152
–103.1
1000
0.446
–176.6
4.92
81.6
0.109
71.4
0.147
–105.3
1100
0.444
–179.5
4.48
79.3
0.120
71.5
0.143
–107.8
1200
0.447
179.3
4.10
77.1
0.130
71.5
0.142
–110.2
1300
0.441
177.3
3.83
75.7
0.139
71.1
0.140
–112.5
1400
0.450
175.1
3.56
74.0
0.149
71.0
0.140
–114.4
1500
0.456
174.1
3.34
72.0
0.159
70.9
0.141
–116.2
1600
0.446
171.8
3.14
70.5
0.169
70.5
0.143
–117.8
1700
0.462
169.9
2.96
68.8
0.179
70.3
0.145
–119.4
1800
0.447
168.8
2.81
67.2
0.190
69.6
0.148
–121.2
1900
0.458
166.4
2.68
65.8
0.198
69.5
0.150
–122.7
2000
0.468
166.7
2.55
64.1
0.210
68.6
0.153
–124.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com