Electronic Components Datasheet Search
  English  ▼

X  

2SC5828 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SC5828
Description  Silicon NPN Epitaxial VHF/UHF Wide band amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5828 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SC5828 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 8Page - Hitachi Semiconductor 2SC5828 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5828
Rev.0, Nov. 2001, page 3 of 10
100
80
60
40
20
0
50
100
150
200
250
Ambient Temperature Ta (
°C)
Collector Power Dissipation Curve
20
16
12
8
4
01
2
3
4
5
6
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
25
20
15
10
5
0
0.2
0.4
0.6
0.8
1.0
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
200
100
0
0.1
1.0
10
100
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
IB = 20 µA
40
µA
60
µA
80 µA
100 µA
120 µA
140 µA
160
µA
VCE = 1 V
VCE = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com