Electronic Components Datasheet Search
  English  ▼

X  

AD9265-80EBZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD9265-80EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-80EBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9265-80EBZ Datasheet HTML 28Page - Analog Devices AD9265-80EBZ Datasheet HTML 29Page - Analog Devices AD9265-80EBZ Datasheet HTML 30Page - Analog Devices AD9265-80EBZ Datasheet HTML 31Page - Analog Devices AD9265-80EBZ Datasheet HTML 32Page - Analog Devices AD9265-80EBZ Datasheet HTML 33Page - Analog Devices AD9265-80EBZ Datasheet HTML 34Page - Analog Devices AD9265-80EBZ Datasheet HTML 35Page - Analog Devices AD9265-80EBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Data Sheet
AD9265
Rev. C | Page 31 of 44
Treat the clock input as an analog signal in cases in which
aperture jitter may affect the dynamic range of the AD9265. To
avoid modulating the clock signal with digital noise, separate
power supplies for clock drivers from the ADC output driver
supplies. Low jitter, crystal controlled oscillators make the best
clock sources. If the clock is generated from another type of source
(by gating, dividing, or another method), the output clock should
be retimed by the original clock at the last step.
Refer to Application Note AN-501, Aperture Uncertainty and
ADC System Performance, and Application Note AN-756,
Sampled Systems and the Effects of Clock Phase Noise and
Jitter, for more information about jitter performance as it
relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 81, the power dissipated by the AD9265 is
proportional to its sample rate. In CMOS output mode, the digital
power dissipation is determined primarily by the strength of the
digital drivers and the load on each output bit.
The maximum DRVDD current (IDRVDD) can be
approximately calculated as
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (16 data bits plus 1 DCO,
in the case of the AD9265).
This maximum current occurs when every output bit switches on
every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is established
by the average number of output bits switching, which is
determined by the sample rate and the characteristics of the
analog input signal.
Reducing the capacitive load presented to the output drivers can
minimize digital power consumption. The data shown in Figure 81,
Figure 82, and Figure 83 were taken using a 70 MHz analog input
signal with a 5 pF load on each output driver.
0.5
TOTAL
POWER
IDRVDD
IAVDD
0.4
0.3
0.2
0.1
0
0.20
0.16
0.12
0.08
0.04
0
25
125
75
100
50
CLOCK FREQUENCY (MSPS)
Figure 81. AD9265-125 Power and Current vs. Sample Rate
0.5
0.4
0.3
0.2
0.1
0
0.20
0.16
0.12
0.08
0.04
0
25
105
95
85
75
65
55
45
35
CLOCK FREQUENCY (MSPS)
TOTAL
POWER
IDRVDD
IAVDD
Figure 82. AD9265-105 Power and Current vs. Sample Rate
0.5
0.4
0.3
0.2
0.1
0
0.15
0.12
0.09
0.06
0.03
0
25
75
65
55
45
35
ENCODE FREQUENCY (MSPS)
IAVDD
TOTAL
POWER
IDRVDD
Figure 83. AD9265-80 Power and Current vs. Sample Rate
By asserting PDWN (either through the SPI port or by asserting
the PDWN pin high), the AD9265 is placed in power-down mode.
In this state, the ADC typically dissipates 0.05 mW. During power-
down, the output drivers are placed in a high impedance state.
Asserting the PDWN pin low returns the AD9265 to its normal
operating mode.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. In addition, when using the SPI
mode, the user can change the function of the external PDWN pin
to either place the part in power-down or standby mode. See the
Memory Map Register Description section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com