Electronic Components Datasheet Search
  English  ▼

X  

AD9265-80EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9265-80EBZ
Description  16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9265-80EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD9265-80EBZ Datasheet HTML 1Page - Analog Devices AD9265-80EBZ Datasheet HTML 2Page - Analog Devices AD9265-80EBZ Datasheet HTML 3Page - Analog Devices AD9265-80EBZ Datasheet HTML 4Page - Analog Devices AD9265-80EBZ Datasheet HTML 5Page - Analog Devices AD9265-80EBZ Datasheet HTML 6Page - Analog Devices AD9265-80EBZ Datasheet HTML 7Page - Analog Devices AD9265-80EBZ Datasheet HTML 8Page - Analog Devices AD9265-80EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
AD9265
Rev. C | Page 3 of 44
GENERAL DESCRIPTION
The AD9265 is a 16-bit, 125 MSPS analog-to-digital converter
(ADC). The AD9265 is designed to support communications
applications where high performance combined with low cost,
small size, and versatility is desired.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic to
provide 16-bit accuracy at 125 MSPS data rates and guarantees
no missing codes over the full operating temperature range.
The ADC features a wide bandwidth differential sample-and-
hold analog input amplifier supporting a variety of user-selectable
input ranges. It is suitable for multiplexed systems that switch
full-scale voltage levels in successive channels and for sampling
single-channel inputs at frequencies well beyond the Nyquist rate.
Combined with power and cost savings over previously available
ADCs, the AD9265 is suitable for applications in communications,
instrumentation and medical imaging.
A differential clock input controls all internal conversion cycles. A
duty cycle stabilizer provides the means to compensate for vari-
ations in the ADC clock duty cycle, allowing the converters to
maintain excellent performance over a wide range of input clock
duty cycles. An integrated voltage reference eases design consid-
erations.
The ADC output data format is either parallel 1.8 V CMOS or
LVDS (DDR). A data output clock is provided to ensure proper
latch timing with receiving logic.
Programming for setup and control is accomplished using a 3-wire
SPI-compatible serial interface. Flexible power-down options
allow significant power savings, when desired. An optional on-
chip dither function is available to improve SFDR performance
with low power analog input signals.
The AD9265 is available in a Pb-free, 48-lead LFCSP and is speci-
fied over the industrial temperature range of −40°C to +85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com