Electronic Components Datasheet Search
  English  ▼

X  

AD8332 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8332
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8332 Datasheet HTML 2Page - Analog Devices AD8332 Datasheet HTML 3Page - Analog Devices AD8332 Datasheet HTML 4Page - Analog Devices AD8332 Datasheet HTML 5Page - Analog Devices AD8332 Datasheet HTML 6Page - Analog Devices AD8332 Datasheet HTML 7Page - Analog Devices AD8332 Datasheet HTML 8Page - Analog Devices AD8332 Datasheet HTML 9Page - Analog Devices AD8332 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8331/AD8332
Rev. C | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
Parameter
Rating
Voltage
Supply Voltage (VPSn, VPSV, VPSL, VPOS)
5.5 V
Input Voltage (INHn)
VS + 200 mV
ENB, ENBL, ENBV, HILO Voltage
VS + 200 mV
GAIN Voltage
2.5 V
Power Dissipation
RU-28 Package (AD8332)4
0.96 W
CP-32 Package (AD8332)5
1.97 W
RQ-20 Package (AD8331)4
0.78 W
Temperature
Operating Temperature
–40°C to +85°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
θJA
RU-28 Package (AD8332)4
68°C/W
CP-32 Package (AD8332)5
33°C/W
RQ-20 Package (AD8331)4
83°C/W
θJC
RU-28 Package (AD8332)4
14°C/W
CP-32 Package (AD8332)5
33°C/W
RQ-20 Package (AD8331)4
n/a
4 Four-Layer JEDEC Board (2S2P).
5 Exposed pad soldered to board, nine thermal vias in pad — JEDEC 4-Layer
Board J-STD-51-9.
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com