Electronic Components Datasheet Search
  English  ▼

X  

AD8332 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8332
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8332 Datasheet HTML 9Page - Analog Devices AD8332 Datasheet HTML 10Page - Analog Devices AD8332 Datasheet HTML 11Page - Analog Devices AD8332 Datasheet HTML 12Page - Analog Devices AD8332 Datasheet HTML 13Page - Analog Devices AD8332 Datasheet HTML 14Page - Analog Devices AD8332 Datasheet HTML 15Page - Analog Devices AD8332 Datasheet HTML 16Page - Analog Devices AD8332 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD8331/AD8332
Rev. C | Page 13 of 32
100
90
10
0
500mV
10ns
20mV
Figure 39. Large Signal Pulse Response, G = 30 dB,
HILO = HI or LO, Top: Input, Bottom: Output Voltage
10
–10
–30
0
–20
–2
60
40
20
50
30
–40
1
0
–1
2
80
70
INPUT
TIME (ns)
G = 30dB
CL = 50pF
CL = 0pF
INPUT IS NOT TO SCALE
Figure 40. Large Signal Pulse Response for
Various Capacitive Loads, CL = 0 pF, 10 pF, 20 pF, 50 pF
400ns
200mV
500mV
Figure 41. Pin GAIN Transient Response,
Top: VGAIN, Bottom: Output Voltage
010
30
20
50
40
1
4
3
2
0
5
RCLMP (kΩ)
HILO = LO
HILO = HI
Figure 42. Clamp Level vs. RCLMP
30
TIME (ns)
10
–10
20
0
–4
60
40
50
1
0
–1
2
4
3
–2
–3
G = 40dB
RCLMP = 48.1kΩ
RCLMP = 16.5kΩ
RCLMP = 7.15kΩ
RCLMP = 2.67kΩ
Figure 43. Clamp Level Pulse Response
100
90
10
0
100ns
200mV
Figure 44. LNA Overdrive Recovery, VINH 0.05 V p-p to
1 V p-p Burst, VGAIN = 0.27 V, VGA Output Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com