Electronic Components Datasheet Search
  English  ▼

X  

AD8332 Datasheet(PDF) 32 Page - Analog Devices

Part # AD8332
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8332 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD8332 Datasheet HTML 24Page - Analog Devices AD8332 Datasheet HTML 25Page - Analog Devices AD8332 Datasheet HTML 26Page - Analog Devices AD8332 Datasheet HTML 27Page - Analog Devices AD8332 Datasheet HTML 28Page - Analog Devices AD8332 Datasheet HTML 29Page - Analog Devices AD8332 Datasheet HTML 30Page - Analog Devices AD8332 Datasheet HTML 31Page - Analog Devices AD8332 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
AD8331/AD8332
Rev. C | Page 32 of 32
OUTLINE DIMENSIONS
28
15
14
1
8°
0°
COMPLIANT TO JEDEC STANDARDS MO-153AE
SEATING
PLANE
COPLANARITY
0.10
1.20 MAX
6.40 BSC
0.65
BSC
PIN 1
0.30
0.19
0.20
0.09
4.50
4.40
4.30
0.75
0.60
0.45
9.80
9.70
9.60
0.15
0.05
Figure 82. 28-Lead Thin Shrink Small Outline Package [TSSOP] (RU-28)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
BOTTOM
VIEW
0.50
0.40
0.30
3.50 REF
0.50
BSC
3.25
3.10 SQ
2.95
0.60 MAX
0.60 MAX
0.25 MIN
TOP
VIEW
PIN 1
INDICATOR
PIN 1
INDICATOR
5.00
BSC SQ
4.75
BSC SQ
Figure 83. 32-Lead Frame Chip Scale Package [LFCSP] (CP-32)
Dimensions shown in millimeters
20
11
10
1
PIN 1
8°
0°
0.236
BSC
0.154
BSC
0.010
0.004
0.012
0.008
0.025
BSC
COPLANARITY
0.004
0.065
0.049
0.069
0.053
SEATING
PLANE
0.010
0.006
0.050
0.016
0.341
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AD
Figure 84. 20 Lead Shrink Outline [QSOP] (RQ-20)
Dimensions shown in millimeters
ORDERING GUIDE
AD8331/AD8332
Models
Temperature Range
Package Description
Package Outline
AD8331ARQ
–40°C to +85°C
Shrink Small Outline Package 150 mil Body, 25 mil pitch
RQ-20
AD8331ARQ-REEL
–40°C to +85°C
Shrink Small Outline Package 150 mil Body, 25 mil pitch
RQ-20
AD8331ARQ-REEL7
–40°C to +85°C
Shrink Small Outline Package 150 mil Body, 25 mil pitch
RQ-20
AD8331-EVAL
Evaluation Board with AD8331ARQ
AD8332ARU
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARU-REEL
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ARU-REEL7
–40°C to +85°C
Thin Shrink Small Outline Package (TSSOP)
RU-28
AD8332ACP-REEL
–40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-32
AD8332ACP-REEL7
–40°C to +85°C
Lead Frame Chip Scale Package (LFCSP)
CP-32
AD8332-EVAL
Evaluation Board with AD8332ARU
© 2003 Analog Devices, Inc. All rights reserved. Trademarks
and registered trademarks are the property of their respective owners.
C03199-0-11/03(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com