Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 5Page - Analog Devices AD8331ARQ Datasheet HTML 6Page - Analog Devices AD8331ARQ Datasheet HTML 7Page - Analog Devices AD8331ARQ Datasheet HTML 8Page - Analog Devices AD8331ARQ Datasheet HTML 9Page - Analog Devices AD8331ARQ Datasheet HTML 10Page - Analog Devices AD8331ARQ Datasheet HTML 11Page - Analog Devices AD8331ARQ Datasheet HTML 12Page - Analog Devices AD8331ARQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD8331/AD8332
Rev. C | Page 9 of 32
50.5
GAIN SCALING FACTOR
0
50.4
49.6
49.7
49.8
49.9
50.0
50.1
50.2
50.3
5
25
20
15
10
35
SAMPLE SIZE = 100
0.2V < VGAIN < 0.7V
30
Figure 15. Gain Scaling Factor Histogram
100
100k
1M
10
1
0.1
10M
100M
FREQUENCY (Hz)
SINGLE ENDED, PIN VOH OR VOL
RL = ∞
Figure 16. Output Impedance vs. Frequency
FREQUENCY (Hz)
100
1k
10
10k
1M
100k
100M
10M
RFB = ∞, CSH = 0pF
RFB = 270Ω, CSH = 22pF
RFB = 412Ω, CSH = 12pF
RFB = 549Ω, CSH = 8.2pF
RFB = 3.01kΩ, CSH = 0pF
RFB = 6.65kΩ, CSH = 0pF
RFB = 1.1kΩ, CSH = 1.2pF
Figure 17. LNA Input Impedance vs. Frequency for
Various Values of RFB and CSH
0
Ω
17
Ω
25j
–25j
50j
–50j
100j
–100j
f = 100kHz
RIN = 50Ω
RFB = 270Ω
RIN = 75Ω,
RFB = 412Ω
RIN = 100Ω,
RFB = 549Ω
,
RIN = 200Ω,
RFB = 1.1kΩ
RIN = 6kΩ,
RFB = ∞
Figure 18. Smith Chart, S11 vs. Frequency, 0.1 MHz to 200 MHz
for Various Values of RFB
1G
FREQUENCY (Hz)
10M
100k
–10
–5
0
5
20
10
15
100M
1M
–20
–15
RIN = 50Ω, 75Ω,
AND 100
Ω
RIN = 200Ω
RIN = 200Ω
RIN = 500Ω
RIN = 1kΩ
Figure 19. LNA Frequency Response,
Single-Ended, for Various Values of RIN
1G
FREQUENCY (Hz)
10M
100k
–10
–5
0
5
20
10
15
100M
1M
–20
–15
RFB = ∞
Figure 20. LNA Frequency Response, Unterminated, Single-Ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com