Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 12Page - Analog Devices AD8331ARQ Datasheet HTML 13Page - Analog Devices AD8331ARQ Datasheet HTML 14Page - Analog Devices AD8331ARQ Datasheet HTML 15Page - Analog Devices AD8331ARQ Datasheet HTML 16Page - Analog Devices AD8331ARQ Datasheet HTML 17Page - Analog Devices AD8331ARQ Datasheet HTML 18Page - Analog Devices AD8331ARQ Datasheet HTML 19Page - Analog Devices AD8331ARQ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD8331/AD8332
Rev. C | Page 16 of 32
IN
50
Ω
0.1
µF
28
Ω
28
Ω
0.1
µF
0.1
µF
0.1
µF
50
Ω
SPECTRUM
ANALYZER
120nH
FB*
22pF
LMD
INH
DUT
1:1
1.8nF
270
Ω
237
Ω
237
Ω
*FERRITE BEAD
Figure 54. Distortion
270
Ω
1:1
NETWORK ANALYZER
LMD
INH
DUT
1.8nF
0.1
µF
22pF
FB*
120nH
50
Ω
IN
OUT
*FERRITE BEAD
28
Ω
237
Ω
50
Ω
50
Ω
0.1
µF
0.1
µF
0.1
µF
237
Ω
28
Ω
50
Ω
Figure 55. S11 Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com