Electronic Components Datasheet Search
  English  ▼

X  

AD8331ARQ Datasheet(PDF) 24 Page - Analog Devices

Part # AD8331ARQ
Description  Ultralow Noise VGAs with Preamplifier and Programmable RIN
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8331ARQ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8331ARQ Datasheet HTML 20Page - Analog Devices AD8331ARQ Datasheet HTML 21Page - Analog Devices AD8331ARQ Datasheet HTML 22Page - Analog Devices AD8331ARQ Datasheet HTML 23Page - Analog Devices AD8331ARQ Datasheet HTML 24Page - Analog Devices AD8331ARQ Datasheet HTML 25Page - Analog Devices AD8331ARQ Datasheet HTML 26Page - Analog Devices AD8331ARQ Datasheet HTML 27Page - Analog Devices AD8331ARQ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD8331/AD8332
Rev. C | Page 24 of 32
Table 4. Clamp Resistor Values
Clamp Resistor Value (kΩ)
Clamp Level
(V p-p)
HILO = LO
HILO = HI
0.5
1.21
1.0
2.74
2.21
1.5
4.75
4.02
2.0
7.5
6.49
2.5
11
9.53
3.0
16.9
14.7
3.5
26.7
23.2
4.0
49.9
39.2
4.4
100
73.2
Output Filtering and Series Resistor
Requirements
To ensure stability at the high end of the gain control range,
series resistors or ferrite beads are recommended for the
outputs when driving large capacitive loads, or circuits on other
boards,. These components can be part of the external
noise filter.
Recommended resistor values are 84.5 Ω for LO gain mode and
100 Ω for HI gain mode (see Figure 66) and are placed near
Pins VOH and VOL. Lower value resistors are permissible for
applications with nearby loads or with gains less than 40 dB.
Lower values are best selected empirically.
An antialiasing noise filter is typically used with an ADC. Filter
requirements are application dependent.
When the ADC resides on a separate board, the majority of
filter components should be placed nearby to suppress noise
picked up between boards and mitigates charge kickback from
the ADC inputs. Any series resistance beyond that required for
output stability should be placed on the ADC board. Figure 70
shows a second order low-pass filter with a bandwidth of
20 MHz. The capacitor is chosen in conjunction with the 10 pF
input capacitance of the ADC.
18pF
OPTIONAL
BACKPLANE
84.5
Ω
0.1
µF
0.1
µF
1.5
µH
1.5
µH
158
Ω
158
Ω
84.5
Ω
ADC
Figure 70. 20 MHz Second-Order Low-Pass Filter
DRIVING ADCS
The output drive will accommodate a wide range of ADCs. The
noise floor requirements of the VGA will depend on a number
of application factors, including bit resolution, sampling rate,
full-scale voltage, and the bandwidth of the noise/antialias filter.
The output noise floor and gain range can be adjusted by
selecting HI or LO gain mode.
The relative noise and distortion performance of the two gain
modes can be compared in Figure 21 and Figure 27 through
Figure 37. The 48 nV/√Hz noise floor of the LO gain mode is
suited to converters with higher sampling rates or resolutions
(such as 12 bits). Both gain modes can accommodate ADC full-
scale voltages as high as 4 V p-p. Since distortion performance
remains favorable for output voltages as high as 4 V p-p (see
Figure 32), it is possible to lower the output-referred noise even
further by using a resistive attenuator (or transformer) at the
output. The circuit in Figure 71 has an output full-scale range of
2 V p-p, a gain range of –10.5 dB to +37.5 dB, and an output
noise floor of 24 nV/√Hz, making it suitable for some 14-bit
ADC applications.
VOH
VOL
LPF
4V p-p DIFF,
48n V/
187
Ω
2V p-p DIFF,
24n V/
2:1
374
Ω
HZ
187
Ω
ADC
AD6644
HZ
Figure 71. Adjusting the Noise Floor for 14-Bit ADCs
OVERLOAD
These devices respond gracefully to large signals that overload
its input stage and to normal signals that overload the VGA
when the gain is set unexpectedly high. Each stage is designed
for clean-limited overload waveforms and fast recovery when
gain setting or input amplitude is reduced.
Signals larger than ±275 mV at the LNA input are clipped to
5 V p-p differential prior to the input of the VGA. Figure 44
shows the response to a 1 V p-p input burst. The symmetric
overload waveform is important for applications, such as CW
Doppler ultrasound, where the spectrum of the LNA outputs
during overload is critical. The input stage is also designed to
accommodate signals as high as ±2.5 V without triggering the
slow-settling ESD input protection diodes.
Both stages of the VGA are susceptible to overload. Postamp
limiting is more common and results in the clean-limited
output characteristics found in Figure 45. Under more extreme
conditions, the X-AMP will overload, causing the minor glitches
evident in Figure 46. Recovery is fast in all cases. The graph in
Figure 72 summarizes the combinations of input signal and
gain that lead to the different types of overload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com