Electronic Components Datasheet Search
  English  ▼

X  

AH22 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AH22
Description  High Dynamic Range CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH22 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AH22 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH22 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2002
Dual Push-Pull Circuit: 50-860 MHz
Performance Charts
Typical Performance (75 Ohm System)
Frequency
50 MHz
450 MHz
750 MHz 860 MHz
Magnitude S21
13.3 dB
13.3 dB
12.5 dB
12.3 dB
Magnitude S11
-21.0 dB
-18.0 dB
-21.0 dB
-16.2 dB
Magnitude S22
-16.4 dB
-18.2 dB
-20.2 dB
-17.1 dB
OIP2
73.0 dBm
72 dBm
75 dBm
76 dBm
OIP3
45.0 dBm
49 dBm
46 dBm
47 dBm
Bias
Vds = 5 V, Id = 600 mA
FR4 Board Layout (T = 28 Mils to ground plane)
Schematic
RF OUT
DC +5 V
DC +5 V
RF IN
L = 3.3 nH
L = 3.3 nH
C = 100 pF
C = 1000 pF
C = 1000 pF
C = 1000 pF
C = 1000 pF
R = 560
L = 470 nH
L = 470 nH
6 turns bifilar
wire around
ferrite core
6 turns bifilar
wire around
ferrite core
or
MaCOM
ETCI-1-13
Surface Mount
balun
Interior Trans. Lines Z = 37.5 Ohm
Note: Balun and board losses have not been extracted but typically account for 0.4 dB loss midband and 1.1 dB loss at 860 MHz.
0603 Package
L = 3.3 nH
0603 Package
L = 3.3 nH
0603 Package
R = 560 ohm
0603 Package
R = 560 ohm
0603 Package
C = 1000 pF
0603 Package
C = 1000 pF
0603
Package
C = 100 pF
0603
Package
C = 100 pF
0603 Package
C = 1000 pF
0603 Package
C = 1000 pF
L = 470 nH
Coilcraft
1008 Package
L = 470 nH
Coilcraft
1008 Package
+5 V
+5 V
C = 100 pF
R = 560
GND
8 or more Via
Grounds req.
Core: TDK H5C2-T3.1-1.3-1.3
Wire: MWS B2383211
AH22
AH22
Frequency (MHz)
0
100 200
300 400 500
600
700 800
900 1000
S-Parameters
15
10
5
0
-5
-10
-20
-25
-15
S11
Frequency (MHz)
0
100 200
300 400 500
600 700 800
900 1000
Linearity vs. Frequency
80
70
60
40
50
30
20
V = 5 V
I = 600 mA
OIP3
OIP2
S21
S22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com